Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983 Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8983_10 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
WM8983
Production Data
w
PD, Rev 4.3, May 2010
74
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56
OUT3 mixer
control
6
OUT3MUTE
0
0 = Output stage outputs OUT3 mixer
1 = Output stage muted – drives out
VMID. Can be used as VMID reference
in this mode.
3
OUT4_2OUT3
0
OUT4 mixer output to OUT3
0 = disabled
1 = enabled
2
BYPL2OUT3
0
Left ADC input to OUT3
0 = disabled
1 = enabled
1
LMIX2OUT3
0
Left DAC mixer to OUT3
0 = disabled
1= enabled
0
LDAC2OUT3
1
Left DAC output to OUT3
0 = disabled
1 = enabled
R57
OUT4 mixer
control
7
OUT3_2OUT4
0
OUT3 mixer output to OUT4
0 = disabled
1= enabled
6
OUT4MUTE
0
0 = Output stage outputs OUT4 mixer
1 = Output stage muted – drives out
VMID. Can be used as VMID reference
in this mode.
5
OUT4ATTN
0
0 = OUT4 normal output
1 = OUT4 attenuated by 6dB
4
LMIX2OUT4
0
Left DAC mixer to OUT4
0 = disabled
1 = enabled
3
LDAC2OUT4
0
Left DAC to OUT4
0 = disabled
1 = enabled
2
BYPR2OUT4
0
Right ADC input to OUT4
0 = disabled
1 = enabled
1
RMIX2OUT4
0
Right DAC mixer to OUT4
0 = disabled
1 = enabled
0
RDAC2OUT4
1
Right DAC output to OUT4
0 = disabled
1 = enabled
Table 47 OUT3/OUT4 Mixer Registers
The OUT3 and OUT4 output stages each have a selectable gain boost of 1.5x (3.52dB). When this
boost is enabled the output DC level is also level shifted (from AVDD1/2 to 1.5xAVDD1/2) to prevent
the signal from clipping. A dedicated amplifier BUFDCOP, as shown in Figure 39, is used to perform
the DC level shift operation. This buffer must be enabled using the BUFDCOPEN register bit for this
operating mode. It should also be noted that if AVDD2 is not equal to or greater than 1.5xAVDD1 this
boost mode may result in signals clipping. Table 44 summarises the effect of the OUT3BOOST and
OUT4BOOST control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com