Electronic Components Datasheet Search
  English  ▼

X  

WM8983 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8983
Description  Mobile Multimedia CODEC with 1W Speaker Driver
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8983 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8983_10 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8983_10 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
Production Data
WM8983
w
PD, Rev 4.3, May 2010
29
OUT3 and OUT4 can be configured to provide an additional stereo or mono differential lineout from
the output of the DACs, the mixers or the input microphone boost stages. They can also provide a
midrail reference for pseudo differential inputs to external amplifiers.
AUDIO INTERFACES
The WM8983 has a standard audio interface, to support the transmission of stereo data to and from
the chip. This interface is a 3 wire standard audio interface which supports a number of audio data
formats including:
•
I
2S
•
DSP/PCM Mode (a burst mode in which LRC sync plus 2 data packed words are
transmitted)
•
MSB-First, left justified
•
MSB-First, right justified
The interface can operate in master or slave modes.
CONTROL INTERFACES
To allow full software control over all features, the WM8983 offers a choice of 2 or 3 wire control
interface. It is fully compatible and an ideal partner for a wide range of industry standard
microprocessors, controllers and DSPs.
Selection of the mode is via the MODE pin. In 2 wire mode, the address of the device is fixed as
0011010.
CLOCKING SCHEMES
WM8983 offers the normal audio DAC clocking scheme operation, where 256fs MCLK is provided to
the DAC and ADC.
A PLL is included which may be used to generate these clocks in the event that they are not available
from the system controller. This PLL can accept a range of common input clock frequencies between
8MHz and 50MHz to generate high quality audio clocks. If this PLL is not required for generation of
these clocks, it can be reconfigured to generate alternative clocks which may then be output on the
GPIO pins and used elsewhere in the system.
POWER CONTROL
The design of the WM8983 has given much attention to power consumption without compromising
performance. It operates at very low voltages, includes the ability to power off any unused parts of the
circuitry under software control, and includes standby and power off modes.
AUXILIARY ANALOG INPUT SUPPORT
Additional stereo analog signals might be connected to the Line inputs of WM8983 (e.g. melody chip
or FM radio), and the stereo signal listened to via headphones, or recorded, simultaneously if
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com