Electronic Components Datasheet Search
  English  ▼

X  

WM8985 Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8985_09 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
68
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R52 (34h)
LOUT1
Volume
control
5:0
LOUT1VOL
111001
(0dB)
Left headphone output volume:
(1dB steps)
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
6
LOUT1MUTE
0
Left headphone output mute:
0 = Normal operation
1 = Mute
7
LOUT1ZC
0
Headphone volume zero cross
enable:
1 = Change gain on zero cross only
0 = Change gain immediately
8
HPVU
Not latched
LOUT1 and ROUT1 volumes do not
update until a 1 is written to HPVU
(in reg 52 or 53)
R53
ROUT1
Volume
control
5:0
ROUT1VOL
111001
(0dB)
Right headphone output volume:
(1dB steps)
000000 = -57dB
...
111001 = 0dB
...
111111 = +6dB
6
ROUT1MUTE
0
Right headphone output mute:
0 = Normal operation
1 = Mute
7
ROUT1ZC
0
Headphone volume zero cross
enable:
1 = Change gain on zero cross only
0 = Change gain immediately
8
HPVU
Not latched
LOUT1 and ROUT1 volumes do not
update until a 1 is written to HPVU
(in reg 52 or 53)
Table 34 OUT1 Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com