Electronic Components Datasheet Search
  English  ▼

X  

WM8985 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8985_09 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
86
GENERAL PURPOSE INPUT/OUTPUT
The WM8985 has three dual purpose input/output pins.
•
CSB/GPIO1: CSB / GPIO1 pin
•
L2/GPIO2: Left channel line input / headphone detection input
•
R2/GPIO3: Right channel line input / headphone detection input
The GPIO2 and GPIO3 functions are provided for use as jack detection inputs.
The GPIO1 function is provided for use as jack detection input or general purpose output.
The default configuration for the CSB/GPIO1 is to be an input.
When setup as an input, the CSB/GPIO1 pin can either be used as CSB or for jack detection,
depending on how the MODE pin is set.
Table 45 illustrates the functionality of the GPIO1 pin when used as a general purpose output.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
GPIO
Control
2:0
GPIO1SEL
000
CSB/GPIO1 pin function select:
000 = input (CSB / Jack detection:
depending on MODE setting)
001 = reserved
010 = Temp ok
011 = Amute active
100 = PLL clk output
101 = PLL lock
110 = logic 0
111 = logic 1
3
GPIO1POL
0
GPIO1 Polarity invert
0 = Non inverted
1 = Inverted
6
GPIO1GPD
0
GPIO1 Internal pull-down enable:
0 = Internal pull-down disabled
1 = Internal pull-down enabled
7
GPIO1GPU
0
GPIO1 Internal pull-up enable:
0 = Internal pull-up disabled
1 = Internal pull-up enabled
8
GPIO1GP
0
GPIO1 Open drain enable
0 = Open drain disabled
1 = Open drain enabled
R14(0Eh)
5:4
OPCLKDIV
00
PLL Output clock division ratio
00 = divide by 1
01 = divide by 2
10 = divide by 3
11 = divide by 4
Table 45 CSB/GPIO Control
Note:
If MODE is set to 3 wire mode, CSB/GPIO1 is used as CSB input irrespective of the GPIO1SEL[2:0]
bits.
Register R14(0Eh) bits [5:4] (OPCLKDIV) are used to control the PLL output clock division ratio and
also the highpass filter cut-off in applications mode (HPFCUT). OPCLKDIV and HPFCUT cannot be
set independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com