Electronic Components Datasheet Search
  English  ▼

X  

WM9010 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM9010
Description  Low Power, Class G Stereo Headphone Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9010 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM9010 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Production Data
WM9010
w
PD, February 2011, Rev 4.0
5
ELECTRICAL CHARACTERISTICS
Test Conditions
VDD = 1.8V, INREF = GND = 0V, Load resistance = 16
Ω, TA = +25
oC, 1kHz signal unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (INL, INR)
Maximum input signal
level
Single-ended input
VDD/1.8
Vrms
Input resistance
15
20
25
k
Ω
Input capacitance
3
pF
Headphone Output Path (HPOUTL, HPOUTR)
Output Power
PO
RL = 32
Ω; THD+N = 0.1%
27
mW
RL = 32
Ω; THD+N = 1%
28
RL = 16
Ω; THD+N = 0.1%
32
RL = 16
Ω; THD+N = 1%
34
Signal to Noise ratio
SNR
A-weighted (20Hz – 20kHz)
95
104
dB
Total Harmonic
Distortion + Noise
THD+N
RL = 32
Ω; PO = 20mW
(20Hz – 20kHz)
-90
dB
RL = 32
Ω; PO = 5mW
(20Hz – 20kHz)
-91
RL = 16
Ω; PO = 20mW
(20Hz – 20kHz)
-91
-81
RL = 16
Ω; PO = 5mW
(20Hz – 20kHz)
-87
DC Offset
0.5
2
mV
Channel separation
RL = 16
Ω
80
87
dB
Mute attenuation
ENA = 0
95
110
dB
Power supply rejection
PSRR
100mV pk-pk @ 217Hz on VDD
75
dB
Maximum load
capacitance
HPOUTL or HPOUTR
2
nF
Digital Input (ENA)
Input high level
0.8 x VDD
V
Input low level
0.2 x VDD
V
Other Parameters
Quiescent current
IVDD
ENA = 1, Inputs grounded
750
1000
μA
Shutdown current
IVDD
ENA = 0
0.9
2
μA
Start-up time
13
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com