Electronic Components Datasheet Search
  English  ▼

X  

WM9010 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9010
Description  Low Power, Class G Stereo Headphone Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9010 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9010 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9010 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
w
WM9010
Low Power, Class G Stereo Headphone Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, February 2011, Rev 4.0
Copyright
©2011 Wolfson Microelectronics plc
DESCRIPTION
The WM9010 is a low power stereo headphone driver designed
for mobile handset and portable media player (PMP)
applications. Class G amplifier technology is used to achieve
high power efficiency and low quiescent current.
Stereo analogue inputs accept 1Vrms line level inputs; the Hi-Fi
output drivers deliver up to 28mW into a 32Ω load.
An integrated charge pump circuit generates split-rail voltage
supplies to power the ground-referenced headphone driver.
The WM9010 incorporates Wolfson Silent Switch™ technology
to provide pop and click suppression whenever the WM9010 is
enabled or disabled.
The WM9010 is supplied in a 12-pin CSP package.
FEATURES
Hi-fi audio headphone drivers (104dB SNR - ‘A’ weighted)
Stereo analogue audio inputs
Ground-referenced, cap-less headphone outputs
Integrated charge pump and oscillator circuits
Low quiescent current
RF noise suppression
Pop and click suppression
12-pin CSP package (1.84 x 1.34 x 0.7mm)
APPLICATIONS
Mobile Handsets
Portable Media Players (PMP)
Notebooks / Laptop computers
LCD televisions
INL
INR
HPOUTL
HPOUTR
ENA
GND
VDD
WM9010
Charge Pump
Oscillator
Pop and click
suppression
RF noise
suppression
INREF
-
+
-
+


Similar Part No. - WM9010

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM9010 CIRRUS-WM9010 Datasheet
278Kb / 12P
Low Power, Class G Stereo Headphone Driver
More results

Similar Description - WM9010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
Class AB stereo headphone driver
August 1994
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
Class AB stereo headphone driver
2002 Jul 19
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
CLASS AB STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
logo
Cirrus Logic
WM9010 CIRRUS-WM9010 Datasheet
278Kb / 12P
Low Power, Class G Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
Class AB Stereo Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com