Electronic Components Datasheet Search
  English  ▼

X  

WM8325 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8325
Description  Processor Power Management Subsystem
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8325 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8325 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 254 page
background image
WM8325
Production Data
w
PD, February 2012, Rev 4.0
50
14 INSTANTCONFIG™ (ICE) AND OTP MEMORY CONTROL
14.1 GENERAL DESCRIPTION
The WM8325 is a highly configurable device which can be tailored specifically to the requirements of
a complex system application. The sequencing and voltage control of the integrated DC-DC
Converters and LDOs in power-up, shut-down and SLEEP conditions is crucial to the robust operation
of the application.
In development, the WM8325 allows designers to modify or experiment with different settings of the
control sequences by writing to the applicable registers in the OFF state prior to commanding an ‘ON’
state transition. Configuration settings can also be stored on an external EEPROM and loaded onto
the WM8325 as required, using the InstantConfig™ EEPROM (ICE) interface.
For production use, the WM8325 provides an on-chip One-Time Programmable (OTP) memory, in
which the essential parameters for starting up the device can be programmed. This allows the
WM8325 to start up and shut down the system with no dependency on any other devices for
application-specific configuration parameters.
14.2 ICE AND OTP MEMORY DEFINITION
An illustration of the WM8325 memory locations is shown in Figure 18. The main Register Map of the
WM8325 contains a block of data in a ‘Window’ area which is mirrored in the OTP and/or the ICE
Memory. Data from the external ICE Memory can be loaded into the Window area. Data can be
transferred from the Window into OTP Memory and also from the OTP Memory into the Window. The
Window is called the Device Configuration Register Window (DCRW); the data in this Window is
mirrored in other locations within the WM8325 Register Map.
Register Map
00h
08h
InstantConfig™
EEPROM (ICE) Memory
OTP
Page3 Data
OTP
Page 2 Data
OTP
Page 1 Data
OTP Memory
OTP
Page 0 Data
00h
08h
DCRW
Page 4 Data
DCRW
Page 2 Data
DCRW
Page 1 Data
DCRW
Page 0 Data
10h
18h
ICE
Page 3
Data
Power Management
& Configuration
Registers
WM8325
DCRW
Page 3 Data
10h
Factory Set Data
Unique ID
User Configurable
Key
ICE Check
ICE
Page 2
Data
ICE
Page 4
Data
18h
20h
28h
Note that the recommended external ICE
memory is arranged in 8-bit words
Figure 18 ICE and OTP Memory Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com