Electronic Components Datasheet Search
  English  ▼

X  

WM8325 Datasheet(PDF) 88 Page - Wolfson Microelectronics plc

Part # WM8325
Description  Processor Power Management Subsystem
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8325 Datasheet(HTML) 88 Page - Wolfson Microelectronics plc

Back Button WM8325 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 92Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 254 page
background image
WM8325
Production Data
w
PD, February 2012, Rev 4.0
88
ADDRESS
BIT
LABEL
DESCRIPTION
R16403
(4013h)
Interrupt Status
3
9:0
UV_LDOn_EINT
LDOn Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16404
(4014h)
Interrupt Status
4
9
HC_DC2_EINT
DC-DC2 High current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
HC_DC1_EINT
DC-DC1 High current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
3:0
UV_DCm_EINT
DC-DCm Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16411
(401Bh)
Interrupt Status
3 Mask
9:0
IM_UV_LDOn_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
R16412
(401Ch)
Interrupt Status
4 Mask
9
IM_HC_DC2_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
8
IM_HC_DC1_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
3:0
IM_UV_DCm_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Notes:
1.
n
is a number between 1 and 10 that identifies the individual LDO Regulator (LDO1 - 10).
2.
m
is a number between 1 and 4 that identifies the individual DC-DC Converter (DC-DC1 - 4).
Table 39 Power Management Interrupts
15.13 POWER GOOD INDICATION
The WM8325 can indicate the status of the DC-DC Converters and LDO Regulators via a GPIO pin
configured as a “PWR_GOOD” output (see Section 21).
Each DC-DC Converter and LDO Regulator to be monitored in this way must be individually enabled
as an input to the PWR_GOOD function using the register bits defined in Table 40.
When a GPIO pin is configured as a “PWR_GOOD” output, this signal is asserted when all selected
DC-DC Converters and LDO Regulators are operating correctly. If any of the enabled DC-DC
Converters or LDO Regulators is undervoltage, then the PWR_GOOD will be de-asserted. In this
event, the host processor should read the Undervoltage Interrupt fields to determine which DC-DC
Converter or LDO Regulator is affected.
Note that an Undervoltage condition may lead to a Converter being switched off automatically. In this
case, the disabled Converter will not indicate the fault condition via PWR_GOOD. Accordingly, the
PWR_GOOD signal may not be a reliable output in cases where the WM8325 is configured to shut
down any Converters automatically under Undervoltage conditions. It is recommended that the host
processor should read the Undervoltage Interrupts in response to PWR_GOOD being de-asserted.
The host processor can then initiate the most appropriate response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com