Electronic Components Datasheet Search
  English  ▼

X  

RT7248 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7248
Description  2A, 18V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7248 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7248 Datasheet HTML 1Page - Richtek Technology Corporation RT7248 Datasheet HTML 2Page - Richtek Technology Corporation RT7248 Datasheet HTML 3Page - Richtek Technology Corporation RT7248 Datasheet HTML 4Page - Richtek Technology Corporation RT7248 Datasheet HTML 5Page - Richtek Technology Corporation RT7248 Datasheet HTML 6Page - Richtek Technology Corporation RT7248 Datasheet HTML 7Page - Richtek Technology Corporation RT7248 Datasheet HTML 8Page - Richtek Technology Corporation RT7248 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT7248
®
DS7248-01
September 2012
www.richtek.com
1
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
2A, 18V, 340kHz Synchronous Step-Down Converter
Features
±±±±±1.5% High Accuracy Feedback Voltage
Input Voltage Range : 4.5V to 18V
2A Output Current
Integrated N-MOSFETs
Current Mode Control
340kHz Fixed Frequency Operation
Output Adjustable Voltage Range : 0.923V to 15V
Efficiency Up to 95%
Programmable Soft-Start
Stable with Low ESR Ceramic Output Capacitors
Cycle-by Cycle Over Current Protection
Input Under Voltage Lockout
Output Under Voltage Protection
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
Applications
Wireless AP/Router
Set-Top-Box
Industrial and Commercial Low Power Systems
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation of High-Performance DSPs
General Description
The RT7248 is a high efficiency, monolithic synchronous
step-down DC/DC converter that can deliver up to 2A output
current from a 4.5V to 18V input supply. The RT7248's
current mode architecture and external compensation
allow the transient response to be optimized over a wide
input range and loads. Cycle-by-cycle current limit
provides protection against shorted outputs and soft-start
eliminates input current surge during start up. The RT7248
also provides under voltage protection and thermal
shutdown protection. The low current (< 3
μA) shutdown
mode provides output disconnection, enabling easy power
management in battery-powered systems. The RT7248
is available in SOP-8 (Exposed Pad) package.
Marking Information
RT7248x
GSPYMDNN
RT7248xGSP : Product Number
x : H or N
YMDNN : Date Code
Simplified Application Circuit
VIN
EN
GND
BOOT
FB
SW
L
R1
R2
VOUT
VIN
RT7248
SS
CSS
COMP
CC
RC
CP
CBOOT
CIN
COUT
Chip Enable


Similar Part No. - RT7248

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7240 RICHTEK-RT7240 Datasheet
302Kb / 18P
5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7243GQW RICHTEK-RT7243GQW Datasheet
970Kb / 10P
RT7243GQW Evaluation Board
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247AHGSP RICHTEK-RT7247AHGSP Datasheet
584Kb / 11P
Evaluation Board
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - RT7248

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237A RICHTEK-RT7237A Datasheet
283Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7237J RICHTEK-RT7237J Datasheet
275Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257J RICHTEK-RT7257J Datasheet
271Kb / 15P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7270 RICHTEK-RT7270 Datasheet
312Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com