Electronic Components Datasheet Search
  English  ▼

X  

RT7248 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7248
Description  2A, 18V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7248 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7248 Datasheet HTML 1Page - Richtek Technology Corporation RT7248 Datasheet HTML 2Page - Richtek Technology Corporation RT7248 Datasheet HTML 3Page - Richtek Technology Corporation RT7248 Datasheet HTML 4Page - Richtek Technology Corporation RT7248 Datasheet HTML 5Page - Richtek Technology Corporation RT7248 Datasheet HTML 6Page - Richtek Technology Corporation RT7248 Datasheet HTML 7Page - Richtek Technology Corporation RT7248 Datasheet HTML 8Page - Richtek Technology Corporation RT7248 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT7248
3
DS7248-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
VA
+
-
+
-
+
-
UV
Comparator
Oscillator
Foldback
Control
0.4V
Internal
Regulator
+
-
2.5V
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
VA VCC
6µA
Slope Comp
Current
Comparator
+
-
0.923V
S
R
Q
Q
SS
+
-
1.2V
Lockout
Comparator
VCC
+
Error Amp
150m
Ω
Ω
130m
RSENSE
5k
Ω
Operation
Shutdown Comparator
Activate internal regulator once EN input level is larger
than the target level. Force IC to enter shutdown mode
when the EN input level is lower than 0.4V.
Internal Regulator
Provide internal power for logic control and switch gate
drivers.
Lockout Comparator
Activate the Current Comparator, release lock-out logic,
and enable the switches as EN input level is larger than
lockout voltage. Otherwise, the switches still locks out.
Oscillator
The oscillator provides internal clock and controls the
converter's switching frequency.
Foldback Control
Dynamically adjust the internal clock. It provides a slower
frequency as a lower FB voltage.
UV Comparator
As FB voltage is lower than the UV voltage, it will activate
a UV protect scheme.
Error Amp
The output voltage COMP of the error amplifier is adjusted
comparing FB signal with the internal reference voltage
and SS signal.
Current Sense Amplifier
RSENSE detects the peak current of the high-side switch.
This signal is amplified by the Current Sense Amplifier
and added with a Slope Compensation. Then, it controls
the switches by comparing this signal with the COMP
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com