Electronic Components Datasheet Search
  English  ▼

X  

RT7259 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7259
Description  10A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7259 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7259 Datasheet HTML 1Page - Richtek Technology Corporation RT7259 Datasheet HTML 2Page - Richtek Technology Corporation RT7259 Datasheet HTML 3Page - Richtek Technology Corporation RT7259 Datasheet HTML 4Page - Richtek Technology Corporation RT7259 Datasheet HTML 5Page - Richtek Technology Corporation RT7259 Datasheet HTML 6Page - Richtek Technology Corporation RT7259 Datasheet HTML 7Page - Richtek Technology Corporation RT7259 Datasheet HTML 8Page - Richtek Technology Corporation RT7259 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
DS7259-00
January 2012
www.richtek.com
RT7259
®
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Simplified Application Circuit
General Description
The RT7259 is a synchronous step-down DC/DC converter
with an integrated high side internal power MOSFET and
a gate driver for a low side external power MOSFET. It
can deliver up to 10A output current from a 4.5V to 24V
input supply. The RT7259's current mode architecture
allows the transient response to be optimized over a wider
input voltage and load range. Cycle-by-cycle current limit
provides protection against shorted outputs and soft-start
eliminates input current surge during start-up. The RT7259
is synchronizable to an external clock with frequency
ranging from 300kHz to 1.5MHz.
The RT7259 is available in WDFN-14L 4x3package.
10A, 24V, 600kHz Step-Down Converter with Synchronous
Gate Driver
Features
4.5V to 24V Input Voltage Range
10A Output Current
45m
Ω
Ω
Ω
Ω
Ω Internal High Side N-MOSFET
Current Mode Control
600kHz Switching Frequency
Adjustable Output from 0.808V to 15V
Up to 95% Efficiency
Internal Compensation
Stable with Ceramic Capacitors
Synchronous External Clock : 300kHz to 1.5MHz
Cycle-by-Cycle Current Limit
Input Under Voltage Lockout
Output Under Voltage Protection
Power Good Indicator
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
Applications
Point of Load Regulator in Distributed Power System
Digital Set top Boxes
Personal Digital Recorders
Broadband Communications
Flat Panel TVs and Monitors
RT7259
VIN
CIN
VIN
VCC
CVCC
PGOOD
Power Good
EN/SYNC
FB
BG
SW
BOOT
CBOOT
L
VOUT
COUT
R1
R2
Chip Enable
GND
Q1


Similar Part No. - RT7259

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7250A RICHTEK-RT7250A Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7250B RICHTEK-RT7250B Datasheet
300Kb / 14P
2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7250BZSP RICHTEK-RT7250BZSP Datasheet
740Kb / 10P
RT7250BZSP Evaluation Board
RT7251A RICHTEK-RT7251A Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7251B RICHTEK-RT7251B Datasheet
241Kb / 14P
1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
More results

Similar Description - RT7259

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7258 RICHTEK-RT7258 Datasheet
330Kb / 18P
8A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
RT8298 RICHTEK-RT8298 Datasheet
330Kb / 18P
6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
MP8666 MPS-MP8666 Datasheet
375Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38870 MPS-MP38870 Datasheet
543Kb / 10P
3A, 14V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38872 MPS-MP38872 Datasheet
360Kb / 11P
6A, 21V, 600kHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8768 MPS-MP8768 Datasheet
387Kb / 13P
8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com