Electronic Components Datasheet Search
  English  ▼

X  

RT7259 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT7259
Description  10A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7259 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT7259 Datasheet HTML 6Page - Richtek Technology Corporation RT7259 Datasheet HTML 7Page - Richtek Technology Corporation RT7259 Datasheet HTML 8Page - Richtek Technology Corporation RT7259 Datasheet HTML 9Page - Richtek Technology Corporation RT7259 Datasheet HTML 10Page - Richtek Technology Corporation RT7259 Datasheet HTML 11Page - Richtek Technology Corporation RT7259 Datasheet HTML 12Page - Richtek Technology Corporation RT7259 Datasheet HTML 13Page - Richtek Technology Corporation RT7259 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
DS7259-00
January 2012
www.richtek.com
RT7259
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Output Voltage Setting
The resistive divider allows the FB pin to sense the output
voltage as shown in Figure 1.
Figure 1. Output Voltage Setting
The output voltage is set by an external resistive voltage
divider according to the following equation :
OUT
REF
R1
V
= V
1
R2
⎛⎞
+
⎜⎟
⎝⎠
Where VREF is the feedback voltage (0.808V typ.).
External Bootstrap Diode
Connect a 1
μF low ESR ceramic capacitor between the
BOOT pin and SW pin. This capacitor provides the gate
driver voltage for the high side MOSFET.
It is recommended to add an external bootstrap diode
between an external 5V and BOOT pin for efficiency
improvement when input voltage is lower than 5.5V or duty
ratio is higher than 65% .The bootstrap diode can be a
low cost one such as IN4148 or BAT54. The external 5V
can be a 5V fixed input from system or a 5V output of the
RT7259. Note that the external boot voltage must be lower
than 5.5V.
Figure 2. External Bootstrap Diode
Chip Enable Operation
The EN pin is the chip enable input. Pulling the EN pin
low (<0.4V) will shutdown the device. During shutdown
mode, the RT7259 quiescent current drops to lower than
3
μA. Driving the EN pin high (2V < EN < 5.5V) will turn on
the device again. For external timing control, the EN pin
An external MOSFET can be added to implement digital
control on the EN pin, as shown in Figure 4. In this case,
a 100k
Ω pull-up resistor, REN, is connected between VIN
pin and the EN pin. MOSFET Q2 will be under logic control
to pull down the EN pin.
Figure 3. Enable Timing Control
Figure 4. Digital Enable Control Circuit
can also be externally pulled high by adding a REN resistor
and CEN capacitor from the VIN pin (see Figure 3).
The chip starts to operate when VIN rises to 4.2V (UVLO
threshold). During the VIN rising period, if an 8V output
voltage is set, VIN is lower than the VOUT target value and
it may cause the chip to shut down. To prevent this
situation, a resistive voltage divider can be placed between
the input voltage and ground and connected to the EN pin
to adjust enable threshold, as shown in Figure 5. For
example, the setting VOUT is 8V and VIN is from 0V to
12V, when VIN is higher than 10V, the chip is triggered to
enable the converter. Assume REN1 = 50k
Ω. Then,
Figure 5. Resistor Divider for Lockout Threshold Setting
EN1
EN_T
EN2
IN_S
EN_T
(R
x V
)
R
=
(V
V
)
−
where VEN_T is the enable comparator's logic-high reference
threshold voltage (1.7V) and VIN_S is the target turn on
input voltage (10V in this example). According to the
equation, the suggested resistor R EN2 is 10.2k
Ω.
RT7259
EN
GND
VIN
REN
CEN
EN
RT7259
EN
GND
100k
VIN
REN
Q2
EN
RT7259
EN
GND
VIN
REN1
REN2
RT7259
GND
FB
R1
R2
VOUT
SW
BOOT
5V
RT7259
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com