Electronic Components Datasheet Search
  English  ▼

X  

ILX503 Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX503
Description  2048-pixel CCD Linear Image Sensor (B/W)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX503 Datasheet(HTML) 1 Page - Sony Corporation

  ILX503 Datasheet HTML 1Page - Sony Corporation ILX503 Datasheet HTML 2Page - Sony Corporation ILX503 Datasheet HTML 3Page - Sony Corporation ILX503 Datasheet HTML 4Page - Sony Corporation ILX503 Datasheet HTML 5Page - Sony Corporation ILX503 Datasheet HTML 6Page - Sony Corporation ILX503 Datasheet HTML 7Page - Sony Corporation ILX503 Datasheet HTML 8Page - Sony Corporation ILX503 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2048-pixel CCD Linear Image Sensor (B/W)
Description
The ILX503A is a reduction type CCD linear sensor
designed for facsimile, image scanner and OCR use.
This sensor reads B4 size documents at a density of
200 DPI (Dot Per Inch). A built-in timing generator
and clock-drivers ensure direct drive at 5V logic for
easy use.
Features
• Number of effective pixels: 2048 pixels
• Pixel size: 14µm
× 14µm (14µm pitch)
• Built-in timing generator and clock-drivers
• Ultra low lag
• Maximum clock frequency: 5MHz
Absolute Maximum Ratings
• Supply voltage
VDD1
11
V
VDD2
6V
• Operating temperature
–10 to +55
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
– 1 –
E92Y21E78-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ILX503A
22 pin DIP (Plastic)
1
VOUT
2
GND
3
GND
4
SHSW
5
φCLK
6
VDD1
7
GND
8
VDD2
9
T1
10
NC
11
φROG
12
GND
22
21
20
19
18
17
16
15
14
13
VDD2
EXRS
VDD1
RSSW
VGG
GND
GND
VDD1
NC
NC
1
2048
For the availability of this product, please contact the sales office.


Similar Part No. - ILX503

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
2592-pixel CCD Linear Image Sensor (B/W)
ILX506 SONY-ILX506 Datasheet
134Kb / 14P
5000-pixel CCD Linear Image Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
More results

Similar Description - ILX503

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
2592-pixel CCD Linear Image Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
7926-pixel CCD Linear Image Sensor (B/W)
ILX511 SONY-ILX511 Datasheet
145Kb / 13P
2048-pixel CCD Linear Image Sensor (B/W)
ILX514 SONY-ILX514 Datasheet
145Kb / 15P
3918-pixel CCD Linear Image Sensor (B/W)
ILX521AA SONY-ILX521AA Datasheet
114Kb / 12P
256-pixel CCD Linear Image Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
ILX703A SONY-ILX703A Datasheet
225Kb / 19P
2048-pixel CCD Linear Image Sensor (B/W) with Shutter Function
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
2048-pixel CCD Linear Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com