Electronic Components Datasheet Search
  English  ▼

X  

ILX503 Datasheet(PDF) 11 Page - Sony Corporation

Part # ILX503
Description  2048-pixel CCD Linear Image Sensor (B/W)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX503 Datasheet(HTML) 11 Page - Sony Corporation

Back Button ILX503 Datasheet HTML 7Page - Sony Corporation ILX503 Datasheet HTML 8Page - Sony Corporation ILX503 Datasheet HTML 9Page - Sony Corporation ILX503 Datasheet HTML 10Page - Sony Corporation ILX503 Datasheet HTML 11Page - Sony Corporation ILX503 Datasheet HTML 12Page - Sony Corporation ILX503 Datasheet HTML 13Page - Sony Corporation ILX503 Datasheet HTML 14Page - Sony Corporation ILX503 Datasheet HTML 15Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
– 11 –
ILX503A
Spectral sensitivity characteristics
(Standard characteristics)
400
500
600
700
800
900
1000
Wavelength [nm]
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0
0.2
0.4
0.6
0.8
1.0
0
Normalized spatial frequency
0.2
0.4
0.6
0.8
1.0
0
Spatial frequency [cycles/mm]
7.1
14.3
21.4
28.6
35.7
0
0.2
0.4
0.6
0.8
1.0
0
MTF of main scanning direction
(Standard characteristics)
MTF of sub scanning direction
(Standard characteristics)
Normalized spatial frequency
0.2
0.4
0.6
0.8
1.0
0
Spatial frequency [cycles/mm]
7.1
14.3
21.4
28.6
35.7
Ta = 25°C
Example of Representative Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com