Electronic Components Datasheet Search
  English  ▼

X  

ILX506 Datasheet(PDF) 4 Page - Sony Corporation

Part # ILX506
Description  5000-pixel CCD Linear Image Sensor (B/W)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX506 Datasheet(HTML) 4 Page - Sony Corporation

  ILX506 Datasheet HTML 1Page - Sony Corporation ILX506 Datasheet HTML 2Page - Sony Corporation ILX506 Datasheet HTML 3Page - Sony Corporation ILX506 Datasheet HTML 4Page - Sony Corporation ILX506 Datasheet HTML 5Page - Sony Corporation ILX506 Datasheet HTML 6Page - Sony Corporation ILX506 Datasheet HTML 7Page - Sony Corporation ILX506 Datasheet HTML 8Page - Sony Corporation ILX506 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
– 4 –
ILX506
Item
VDD1
VDD2
Min.
8.5
4.75
Typ.
9.0
5.0
Max.
9.5
5.25
Unit
V
V
Recommended Voltage
Note) Rules for raising and lowering power supply voltage
To raise power supply voltage, first raise VDD1 (9V) and then VDD2 (5V).
To lower voltage, first lower VDD2 (5V) and then VDD1 (9V).
Item
Input capacity of
φCLK pin
Input capacity of
φROG pin
Input capacity of RS/SH pin
Frequency of
φCLK
Frequency of
φRS
Min.
—
—
—
—
—
Typ.
10
10
10
1
1
Max.
—
—
—
12.5
12.5
Unit
pF
pF
pF
MHz
MHz
Symbol
C
φCLK
C
φROG
CRS/SH
f
φCLK
f
φRS
Clock Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com