Electronic Components Datasheet Search
  English  ▼

X  

ILX506 Datasheet(PDF) 11 Page - Sony Corporation

Part # ILX506
Description  5000-pixel CCD Linear Image Sensor (B/W)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX506 Datasheet(HTML) 11 Page - Sony Corporation

Back Button ILX506 Datasheet HTML 6Page - Sony Corporation ILX506 Datasheet HTML 7Page - Sony Corporation ILX506 Datasheet HTML 8Page - Sony Corporation ILX506 Datasheet HTML 9Page - Sony Corporation ILX506 Datasheet HTML 10Page - Sony Corporation ILX506 Datasheet HTML 11Page - Sony Corporation ILX506 Datasheet HTML 12Page - Sony Corporation ILX506 Datasheet HTML 13Page - Sony Corporation ILX506 Datasheet HTML 14Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
– 11 –
ILX506
0
0.2
0.4
0.6
0.8
1.0
0
MTF of main scanning direction (Standard characteristics)
Normalized spatial frequency
0.2
0.4
0.6
0.8
1.0
0
Spatial frequency [cycles/mm]
14.3
28.6
42.9
57.1
71.4
Spectral sensitivity characteristics
(Standard characteristics)
400
500
600
700
800
900
1000
Wavelength [nm]
0.2
0.4
0.6
0.8
1.0
0
1
0.5
1
0.1
Integration time output voltage characteristics
(Standard characteristics)
τ int – Integration time [ms]
10
5
0
0.5
1
5
10
0.1
Dark signal output temperature characteristics
(Standard characteristics)
Ta – Ambient temperature [°C]
10
20
30
40
60
50
Example of Representative Characteristics (VDD1 = 9V, VDD2 = 5V, Ta = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com