Electronic Components Datasheet Search
  English  ▼

X  

RT8272 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8272
Description  3A, 24V, 1.2MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8272 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8272 Datasheet HTML 1Page - Richtek Technology Corporation RT8272 Datasheet HTML 2Page - Richtek Technology Corporation RT8272 Datasheet HTML 3Page - Richtek Technology Corporation RT8272 Datasheet HTML 4Page - Richtek Technology Corporation RT8272 Datasheet HTML 5Page - Richtek Technology Corporation RT8272 Datasheet HTML 6Page - Richtek Technology Corporation RT8272 Datasheet HTML 7Page - Richtek Technology Corporation RT8272 Datasheet HTML 8Page - Richtek Technology Corporation RT8272 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT8272
1
DS8272-02 March 2011
www.richtek.com
Ordering Information
Pin Configurations
(TOP VIEW)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
3A, 24V, 1.2MHz Step-Down Converter
Applications
Distributive Power Systems
Battery Charger
DSL Modems
Pre-regulator for Linear Regulators
General Description
The RT8272 is a high voltage buck converter that can
support the input voltage range from 4.75V to 24V and the
output current can be up to 3A. Current Mode operation
provides fast transient response and eases loop
stabilization.
The chip provides protection functions such as cycle-by-
cycle current limiting and thermal shutdown protection.
In shutdown mode, the regulator draws 25
μA of supply
current. The RT8272 is available in a SOP-8 (Exposed
Pad) surface mount package.
Features
Wide Operating Input Range : 4.75V to 24V
Adjustable Output Voltage Range : 0.92V to 15V
Output Current up to 3A
25
μμμμμA Low Shutdown Current
Power MOSFET : 0.1
Ω
Ω
Ω
Ω
Ω
High Efficiency up to 95%
1.2MHz Fixed Switching Frequency
Stable with Low ESR Output Ceramic Capacitors
Thermal Shutdown Protection
Cycle-By-Cycle Over Current Protection
RoHS Compliant and Halogen Free
Typical Application Circuit
SOP-8 (Exposed Pad)
SS
BOOT
VIN
GND
SW
FB
EN
COMP
2
3
4
5
8
7
6
GND
9
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT8272
Lead Plating System
G : Green (Halogen Free and Pb Free)
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
4.7µH
10nF
47µF
R1
25.8k
R2
10k
VOUT
3.3V/3A
10µF
Chip Enable
VIN
4.75V to 24V
RT8272
D1
B330
SS
8
CSS
0.1µF
COMP
CC
2.2nF
RC
39k
CP
NC
6
4,
9 (Exposed Pad)
CBOOT
COUT
CIN


Similar Part No. - RT8272

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
2A, 22V, 1.2MHz Step-Down Converter
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT8274 RICHTEK-RT8274 Datasheet
198Kb / 12P
The RT8274 is a high voltage buck converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
2A, 24V, 3MHz Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
More results

Similar Description - RT8272

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
3A, 17V, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
3A, 24V, 3MHz Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
3A, 24V, 400kHz Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com