Electronic Components Datasheet Search
  English  ▼

X  

RT8272 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8272
Description  3A, 24V, 1.2MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8272 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8272 Datasheet HTML 1Page - Richtek Technology Corporation RT8272 Datasheet HTML 2Page - Richtek Technology Corporation RT8272 Datasheet HTML 3Page - Richtek Technology Corporation RT8272 Datasheet HTML 4Page - Richtek Technology Corporation RT8272 Datasheet HTML 5Page - Richtek Technology Corporation RT8272 Datasheet HTML 6Page - Richtek Technology Corporation RT8272 Datasheet HTML 7Page - Richtek Technology Corporation RT8272 Datasheet HTML 8Page - Richtek Technology Corporation RT8272 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT8272
3
DS8272-02 March 2011
www.richtek.com
Function Block Diagram
Absolute Maximum Ratings (Note 1)
Supply Voltage, VIN -----------------------------------------------------------------------------------------
−0.3V to 26V
Switching Voltage, SW -------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
BOOT Voltage ------------------------------------------------------------------------------------------------ (VSW
− 0.3V) to (VSW + 6V)
All Other Pins Voltage --------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) -------------------------------------------------------------------------------------- 1.333W
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA -------------------------------------------------------------------------------- 75°C/W
Junction Temperature --------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------- 260
°C
Storage Temperature Range -------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ----------------------------------------------------------------------------------------- 4.75V to 24V
Enable Voltage, VEN ----------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ------------------------------------------------------------------------------
−40°C to 85°C
VA
+
-
+
-
+
-
UV
Comparator
Oscillator
1.2MHz/440kHz
Foldback
Control
0.5V
Internal
Regulator
+
-
1V
1µA
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
3V
10k
VA VCC
VCC
Slope Comp
Current
Comparator
SS
10µA
VCC
+
-
EA
0.92V
Gm = 680µA/V
+
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com