Electronic Components Datasheet Search
  English  ▼

X  

RT8287 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8287
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8287 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8287 Datasheet HTML 6Page - Richtek Technology Corporation RT8287 Datasheet HTML 7Page - Richtek Technology Corporation RT8287 Datasheet HTML 8Page - Richtek Technology Corporation RT8287 Datasheet HTML 9Page - Richtek Technology Corporation RT8287 Datasheet HTML 10Page - Richtek Technology Corporation RT8287 Datasheet HTML 11Page - Richtek Technology Corporation RT8287 Datasheet HTML 12Page - Richtek Technology Corporation RT8287 Datasheet HTML 13Page - Richtek Technology Corporation RT8287 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RT8287
13
DS8287-03
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of the IC.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
SW node is with high frequency voltage swing and
should be kept at small area. Keep analog components
away from the SW node to prevent stray capacitive noise
pickup.
Figure 7. PCB Layout Guide
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the IC.
Connect all analog grounds to a common node and then
connect the common node to the power ground behind
the output capacitors.
An example of PCB layout guide is shown in Figure 7
for reference.
VIN
SW
SW
SW
AGND
GND
GND
SS
VCC
SW
BOOT
PGOOD
EN
FB
13
12
11
1
2
3
4
5
14
69
10
GND
15
78
CIN
CBOOT
VOUT
COUT
GND
VOUT
CSS
RT
R1
R2
L
GND
Place the input and output
capacitors as close to the
IC as possible.
SW should be
connected to
inductor by wide
and short trace and
keep sensitive
components away
from this trace.
Place the
feedback as
close to the IC
as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com