Electronic Components Datasheet Search
  English  ▼

X  

RT8287 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8287
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8287 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8287 Datasheet HTML 1Page - Richtek Technology Corporation RT8287 Datasheet HTML 2Page - Richtek Technology Corporation RT8287 Datasheet HTML 3Page - Richtek Technology Corporation RT8287 Datasheet HTML 4Page - Richtek Technology Corporation RT8287 Datasheet HTML 5Page - Richtek Technology Corporation RT8287 Datasheet HTML 6Page - Richtek Technology Corporation RT8287 Datasheet HTML 7Page - Richtek Technology Corporation RT8287 Datasheet HTML 8Page - Richtek Technology Corporation RT8287 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8287
2
DS8287-03
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
Supply Input. VIN supplies the power to the IC, as well as the step-down
converter switches. Drive VIN with a 4.5V to 21V power source. Bypass VIN to
GND with a suitably large capacitor to eliminate noise on the input to the IC.
2, 3, 4, 5
SW
Switch Node. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load. Note that a capacitor is
required from SW to BOOT to power the high side switch.
6
BOOT
High Side Gate Drive Boost Input. BOOT supplies the drive for the high side
N-MOSFET switch. Connect a 100nF or greater capacitor from SW to BOOT to
power the high side switch.
7
EN
Chip Enable (Active High). For automatic start-up, connect the EN pin to VIN with
a 100k
Ω resistor.
8
FB
Feedback Input. FB senses the output voltage to regulate said voltage. Drive FB
with a resistive voltage divider from the output voltage. The feedback threshold is
0.808V.
9
PGOOD
Power Good Output. The output of this pin is open-drain. Power good threshold is
90% low to high and 70% high to low of regulation value.
10
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period.
11
VCC
Bias Supply. Decouple with 0.1
μF to 0.22μF capacitor. The capacitance should
be no more than 0.22
μF.
12, 13
15 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
14
AGND
Analog Ground. Connect this pin to the system ground in PCB layout.
Typical Application Circuit
Table 1. Recommended Components Selection
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RT (kΩ)
L (
μH)
COUT (μF)
5
75
14.46
0
4.7
22 x 2
3.3
75
24.32
0
3.6
22 x 2
2.5
75
35.82
0
3.6
22 x 2
1.8
5
4.07
30
2
22 x 2
1.5
5
5.84
39
2
22 x 2
1.2
5
10.31
47
2
22 x 2
1.05
5
16.69
47
1.5
22 x 2
1.2V/3A
VIN
PGOOD
VCC
BOOT
FB
SW
9
8
1
2, 3, 4, 5
6
L
0.1µF
R1
R2
VOUT
22µF
VIN
RT8287
11
CBOOT
COUT
CIN
SS
10
RT
CSS
47nF
GND
12, 13, 15 (Exposed Pad)
EN
AGND
PGOOD
R3
100k
0.1µF
CC
7
ON/OFF
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com