Electronic Components Datasheet Search
  English  ▼

X  

RT8269 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8269
Description  3A, 24V, 400kHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8269 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8269 Datasheet HTML 1Page - Richtek Technology Corporation RT8269 Datasheet HTML 2Page - Richtek Technology Corporation RT8269 Datasheet HTML 3Page - Richtek Technology Corporation RT8269 Datasheet HTML 4Page - Richtek Technology Corporation RT8269 Datasheet HTML 5Page - Richtek Technology Corporation RT8269 Datasheet HTML 6Page - Richtek Technology Corporation RT8269 Datasheet HTML 7Page - Richtek Technology Corporation RT8269 Datasheet HTML 8Page - Richtek Technology Corporation RT8269 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT8269
1
DS8269-02 March 2011
www.richtek.com
Ordering Information
Pin Configurations
(TOP VIEW)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
3A, 24V, 400kHz Step-Down Converter
Applications
Distributive Power Systems
Battery Charger
DSL Modems
Pre-regulator for Linear Regulators
General Description
The RT8269 is a high voltage buck converter that can
support the input voltage range from 4.75V to 24V and the
output current can be up to 3A. Current Mode operation
provides fast transient response and eases loop
stabilization.
The chip provides protection functions such as cycle-by-
cycle current limiting and thermal shutdown protection.
In shutdown mode, the regulator draws 25
μA of supply
current. The RT8269 is available in a SOP-8 (Exposed
Pad) surface mount package.
Features
Wide Operating Input Range : 4.75V to 24V
Adjustable Output Voltage Range : 0.92V to 15V
Output Current up to 3A
25
μμμμμA Low Shutdown Current
Power MOSFET : 0.1
Ω
Ω
Ω
Ω
Ω
High Efficiency up to 95%
400kHz Fixed Switching Frequency
Stable with Low ESR Output Ceramic Capacitors
Thermal Shutdown Protection
Cycle-By-Cycle Over Current Protection
RoHS Compliant and Halogen Free
Typical Application Circuit
SOP-8 (Exposed Pad)
SS
BOOT
VIN
GND
SW
FB
EN
COMP
2
3
4
5
8
7
6
GND
9
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L1
10µH
10nF
22µFx2
R1
25.8k
R2
10k
VOUT
3.3V/3A
10µFx2
Chip Enable
VIN
4.75V to 24V
RT8269
D1
B330A
SS
8
CSS
0.1µF
COMP
CC
2.7nF
RC
22k
CP
NC
6
4,
9 (Exposed Pad)
CBOOT
COUT
CIN
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT8269
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8269

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
Adjustable Output Voltage Range : 0.92V to 15V
More results

Similar Description - RT8269

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
3A, 24V, 1.2MHz Step-Down Converter
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
3A, 24V, 3MHz Step-Down Converter
RT8256 RICHTEK-RT8256 Datasheet
216Kb / 12P
2A, 22V, 400kHz Step-Down Converter
RT8267 RICHTEK-RT8267 Datasheet
222Kb / 12P
2A, 22V, 400kHz Step-Down Converter
RT8268 RICHTEK-RT8268 Datasheet
248Kb / 15P
2A, 24V, 400kHz Step-Down Converter
RT8299 RICHTEK-RT8299 Datasheet
287Kb / 15P
3A, 24V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1586 MPS-MP1586 Datasheet
364Kb / 16P
3A, 28V, 50kHz to 400kHz Step-Down Converter
MP2227 MPS-MP2227 Datasheet
458Kb / 13P
24V, 3A, 1.3MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3284 EUTECH-EUP3284 Datasheet
107Kb / 1P
3A, 24V, 340KHz Synchronous Step-Down Converter
EUP3484S EUTECH-EUP3484S Datasheet
783Kb / 11P
3A, 24V, 340KHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com