Electronic Components Datasheet Search
  English  ▼

X  

RT8269 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8269
Description  3A, 24V, 400kHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8269 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8269 Datasheet HTML 1Page - Richtek Technology Corporation RT8269 Datasheet HTML 2Page - Richtek Technology Corporation RT8269 Datasheet HTML 3Page - Richtek Technology Corporation RT8269 Datasheet HTML 4Page - Richtek Technology Corporation RT8269 Datasheet HTML 5Page - Richtek Technology Corporation RT8269 Datasheet HTML 6Page - Richtek Technology Corporation RT8269 Datasheet HTML 7Page - Richtek Technology Corporation RT8269 Datasheet HTML 8Page - Richtek Technology Corporation RT8269 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT8269
2
DS8269-02 March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
High Side Gate Drive Boost Input. BOOT supplies the drive for the high side
N-MOSFET switch. Connect a 10nF or greater capacitor from SW to BOOT to
power the high side switch.
2
VIN
Power Input. VIN supplies the power to the IC, as well as the step-down converter
switches. Bypass VIN to GND with a suitable large capacitor to eliminate noise on
the input to the IC.
3
SW
Power Switching Output. SW is the switching node that supplies power to the
output. Connect the output LC filter from SW to the output load. Note that a
capacitor is required from SW to BOOT to power the high side switch.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
5
FB
Feedback Input. FB senses the output voltage to regulate said voltage. The
feedback reference voltage is 0.92V typically.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop.
Connect a series RC network from COMP to GND to compensate the regulation
control loop. In some cases, an additional capacitor from COMP to GND is
required.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN
higher than 1.4V to turn on the regulator, lower than 0.4V to turn it off. If the EN pin
is open, it will be pulled to high by internal circuit.
8
SS
Soft-Start Control Input. SS controls the soft start period. Connect a capacitor
from SS to GND to set the soft-start period. A 0.1
μF capacitor sets the soft-start
period to 10ms.
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RC (kΩ)
CC (nF)
L (
μH)
COUT (μF)
15
153
10
62
0.82
22
22 x 2
10
100
10
54
1.2
22
22 x 2
8
77
10
40
1.5
15
22 x 2
5
43
10
27
2.2
15
22 x 2
3.3
25.8
10
22
2.7
10
22 x 2
2.5
17
10
16
2.2
6.8
22 x 2
1.8
9.1
10
13
2.2
4.7
22 x 2
1.2
3
10
13
2.2
2.2
22 x 2
Table 1. Recommended Component Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com