Electronic Components Datasheet Search
  English  ▼

X  

ILX521 Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX521
Description  256-pixel CCD Linear Image Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX521 Datasheet(HTML) 3 Page - Sony Corporation

  ILX521 Datasheet HTML 1Page - Sony Corporation ILX521 Datasheet HTML 2Page - Sony Corporation ILX521 Datasheet HTML 3Page - Sony Corporation ILX521 Datasheet HTML 4Page - Sony Corporation ILX521 Datasheet HTML 5Page - Sony Corporation ILX521 Datasheet HTML 6Page - Sony Corporation ILX521 Datasheet HTML 7Page - Sony Corporation ILX521 Datasheet HTML 8Page - Sony Corporation ILX521 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
– 3 –
ILX521A
Electrooptical Characteristics
(Ta = 25°C, VDD = 5V, Data rate = 1MHz, Without S/H mode, Light source = 3200K,
IR cut filter CM-500S (t = 1mm))
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Sensitivity
Sensitivity nonuniformity
Saturation output voltage
Dark voltage average
Dark signal nonuniformity
Image lag
Dynamic range
Saturation exposure
Current consumption
Total transfer efficiency
Output impedance
Offset level
R
PRNU
VSAT
VDRK
DSNU
IL
DR
SE
IVDD
TTE
ZO
VOS
13.3
—
0.6
—
—
—
—
—
—
92.0
—
—
19.0
5.0
0.8
0.3
0.5
0.02
2666
0.042
5.0
98.0
350
3.8
24.7
12.0
—
2.0
3.0
—
—
—
10.0
—
—
—
V/(lx · s)
%
V
mV
mV
%
lx · s
mA
%
Ω
V
Note 1
Note 2
—
Note 3
Note 3
Note 4
Note 5
Note 6
—
—
—
Note 7
Note)
1. For the sensitivity test light is applied with a uniform intensity of illumination.
2. PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 1.
PRNU =
× 100 [%]
The maximum output of the 256 pixels is set to VMAX, the minimum output to VMIN and the average output to
VAVE.
3. Integration time is 10ms.
4. VOUT = 500mV.
5. DR = VSAT/VDRK
When optical integration time is shorter, the dynamic range sets wider because dark output voltage is in
proportion to optical integration time.
6. SE = VSAT/R1
7. Vos is defined as indicated below.
(VMAX – VMIN)/2
VAVE
D8
D9
D10
D11
D12
S1
Vout
VOS
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com