Electronic Components Datasheet Search
  English  ▼

X  

ILX521 Datasheet(PDF) 10 Page - Sony Corporation

Part # ILX521
Description  256-pixel CCD Linear Image Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX521 Datasheet(HTML) 10 Page - Sony Corporation

Back Button ILX521 Datasheet HTML 4Page - Sony Corporation ILX521 Datasheet HTML 5Page - Sony Corporation ILX521 Datasheet HTML 6Page - Sony Corporation ILX521 Datasheet HTML 7Page - Sony Corporation ILX521 Datasheet HTML 8Page - Sony Corporation ILX521 Datasheet HTML 9Page - Sony Corporation ILX521 Datasheet HTML 10Page - Sony Corporation ILX521 Datasheet HTML 11Page - Sony Corporation ILX521 Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
– 10 –
ILX521A
5
4
7
6
3
2
1
0
–10
0
10
20
Ta – Ambient temperature [
°C]
Offset level vs. Temperature characteristics
(Standard characteristics)
30
40
50
60
7
6
5
4
0
1
2
3
4.75
VDD [V]
Offset level vs. VDD characteristics
(Standard characteristics)
5
5.25
∆Vos
∆VDD
~
– 0.8
Ta = 25
°C
10
8
7
5
9
6
4
2
3
1
0
4.75
5
VDD [V]
Supply current vs. VDD characteristics
(Standard characteristics)
5.25
10
5
1
1
τ – Integration time [ms]
Output voltage vs. Integration time
(Standard characteristics)
5
10
∆Vos
∆Ta
~
– –2mV/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com