Electronic Components Datasheet Search
  English  ▼

X  

ILX522K Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX522K
Description  2048 X 2pixel CCD Linear Sensor (Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX522K Datasheet(HTML) 3 Page - Sony Corporation

  ILX522K Datasheet HTML 1Page - Sony Corporation ILX522K Datasheet HTML 2Page - Sony Corporation ILX522K Datasheet HTML 3Page - Sony Corporation ILX522K Datasheet HTML 4Page - Sony Corporation ILX522K Datasheet HTML 5Page - Sony Corporation ILX522K Datasheet HTML 6Page - Sony Corporation ILX522K Datasheet HTML 7Page - Sony Corporation ILX522K Datasheet HTML 8Page - Sony Corporation ILX522K Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
– 3 –
ILX522K
Electrical Characteristics (Note 1)
(Ta = 25°C, VDD1 = 9V, VDD2 = 5V f
φRS = 3.5MHz Light source = 3200K, IR cut filter CM-500S (t = 1.0mm))
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Sensitivity
Sensitivity nonuniformity
Saturation output voltage
Dark voltage average
Dark signal nonuniformity
Image lag
9V supply current
5V supply current
Total transfer efficiency
Output impedance
Offset level
RR
RG
RB
PRNU
VSAT
VDRK-G
VDRK-R/B
DSNU-G
DSNU-R/B
IL
IVDD1
IVDD2
TTE
ZO
VOS
5.2
6.5
2.8
—
1.0
—
—
—
—
—
—
—
92.0
—
—
8.0
10.0
4.3
5.0
1.5
0.3
1.5
0.6
2.0
0.02
20
16.0
98.0
150
5.4
10.8
13.5
5.8
15.0
—
1.5
9.0
3.0
12.0
—
40
32.0
—
—
—
V/(lx · s)
%
V
mV
%
mA
mA
%
Ω
V
Note 2
Note 3
Note 4
Note 5
Note 6
—
—
—
—
Note 7
Red
Green
Blue
Green
Red/Blue
Green
Red/Blue
Note:
1) In accordance with the given electrooptical characteristics, the black level is defined as the average of D3,
D4, to D10.
2) For the sensitivity test light is applied with a uniform intensity of illumination.
3) PRNU is defined as indicated below in each color. Ray incidence conditions are the same as for Note 2.
PRNU =
× 100 [%]
The maximum output of each color is set to VMAX, the minimum output to VMIN, and the average output to
VAVE.
4) Use below the minimum value of the saturation output voltage.
5) Optical signal accumulated time
τint stands at 5ms.
6) VOUT-G = 500mV (Typ.)
7) VOS is defined as indicated below.
(VMAX – VMIN)/2
VAVE
VOUT∗
GND
VOS
∗ V
OUT
indicates VOUT-G and VOUT-R/B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com