Electronic Components Datasheet Search
  English  ▼

X  

ILX522K Datasheet(PDF) 8 Page - Sony Corporation

Part # ILX522K
Description  2048 X 2pixel CCD Linear Sensor (Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX522K Datasheet(HTML) 8 Page - Sony Corporation

Back Button ILX522K Datasheet HTML 4Page - Sony Corporation ILX522K Datasheet HTML 5Page - Sony Corporation ILX522K Datasheet HTML 6Page - Sony Corporation ILX522K Datasheet HTML 7Page - Sony Corporation ILX522K Datasheet HTML 8Page - Sony Corporation ILX522K Datasheet HTML 9Page - Sony Corporation ILX522K Datasheet HTML 10Page - Sony Corporation ILX522K Datasheet HTML 11Page - Sony Corporation ILX522K Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
– 8 –
ILX522K
Spectral sensitivity characteristics (Standard characteristics)
Wave length [nm]
1.0
0.8
0.6
0.4
0.2
0
400
450
500
550
600
650
700
Dark signal output temperature characteristics
(Standard characteristics)
Ta – Ambient temperature [°C]
010
20
30
40
50
60
10
5
1
0.5
0.1
Integration time output voltage characteristics
(Standard characteristics)
τint – integration time [ms]
15
10
1
0.5
0.1
Example of Representative Characteristics (VDD1 = 9V, VDD2 = 5V, Ta = 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com