Electronic Components Datasheet Search
  English  ▼

X  

ILX533 Datasheet(PDF) 6 Page - Sony Corporation

Part # ILX533
Description  2700 pixel X 3 line CCD Linear Sensor (Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX533 Datasheet(HTML) 6 Page - Sony Corporation

Back Button ILX533 Datasheet HTML 2Page - Sony Corporation ILX533 Datasheet HTML 3Page - Sony Corporation ILX533 Datasheet HTML 4Page - Sony Corporation ILX533 Datasheet HTML 5Page - Sony Corporation ILX533 Datasheet HTML 6Page - Sony Corporation ILX533 Datasheet HTML 7Page - Sony Corporation ILX533 Datasheet HTML 8Page - Sony Corporation ILX533 Datasheet HTML 9Page - Sony Corporation ILX533 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
– 6 –
ILX533K
Clock Pulse Recommended Timing
Symbol
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t13
t14
Min.
50
800
800
0
0
0
0
50
80
0
0
—
—
50
Typ.
100
1000
1000
5
5
20
20
250∗1
250∗1
10
10
70
10
250∗1
Max.
—
—
—
10
10
60
60
—
—
30
30
—
—
—
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Item
φROG, φ1 pulse timing
φROG pulse high level period
φROG, φ1 pulse timing
φROG pulse rise time
φROG pulse fall time
φ1 pulse rise time/φ2 pulse fall time
φ1 pulse fall time/φ2 pulse rise time
φRS pulse high level period
φRS, φ1 pulse timing 1
φRS pulse rise time
φRS pulse fall time
Signal output delay time
φRS, φ1/φ2 pulse timing 2
∗1 These timing is the recommended condition under fφ
RS
= 1MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com