Electronic Components Datasheet Search
  English  ▼

X  

ILX533 Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX533
Description  2700 pixel X 3 line CCD Linear Sensor (Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX533 Datasheet(HTML) 1 Page - Sony Corporation

  ILX533 Datasheet HTML 1Page - Sony Corporation ILX533 Datasheet HTML 2Page - Sony Corporation ILX533 Datasheet HTML 3Page - Sony Corporation ILX533 Datasheet HTML 4Page - Sony Corporation ILX533 Datasheet HTML 5Page - Sony Corporation ILX533 Datasheet HTML 6Page - Sony Corporation ILX533 Datasheet HTML 7Page - Sony Corporation ILX533 Datasheet HTML 8Page - Sony Corporation ILX533 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
– 1 –
ILX533K
22 pin DIP (Cer-DIP)
E97406B79-PS
2700 pixel
× 3 line CCD Linear Sensor (Color)
Description
The ILX533K is a reduction type CCD linear sensor
developed for color image scanner. The distance
between lines is only 4 line (32µm). This sensor reads
A4-size documents at a density of 300DPI.
Features
• Number of effective pixels: 8100 pixels
(2700 pixels
× 3)
• Pixel size:
8µm
× 8µm (8µm pitch)
• Distance between line: 32µm (4 Lines)
• Number of output
3 (R, G, B)
• Single-sided readout
• Clamp circuit are on-chip
• Ultra high sensitivity/Ultra low lag
• Single 12V power supply
• Maximum data rate:
9MHz (3MHz
× 3)
• Input Clock Pulse:
CMOS 5V drive
• Package:
22 pin cer-DIP (400 mil)
Absolute Maximum Ratings
• Supply voltage
VDD
15
V
• Operating temperature
–10 to +55
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
Block Diagram
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
1
GND
GND
VOUT-B
NC
NC
NC
NC
NC
φ2
φROG-R
φROG-G
φRS
VOUT-R
VDD
NC
NC
NC
NC
NC
φ1
φROG-B
VOUT-G
For the availability of this product, please contact the sales office.


Similar Part No. - ILX533

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
More results

Similar Description - ILX533

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX115LA SONY-ILX115LA Datasheet
161Kb / 12P
5000-pixel X 3 line CCD Linear Sensor (Color)
ILX518K SONY-ILX518K Datasheet
128Kb / 11P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
2700 pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
5300 pixel X 3 line CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
2700 X 3 pixel CCD Linear Sensor (Color)
ILX550K SONY-ILX550K Datasheet
150Kb / 11P
10680 pixel X 3 line CCD Linear Sensor (Color)
ILX718K SONY-ILX718K Datasheet
142Kb / 12P
5363-pixel X 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
2700-pixel X 3 line CCD Linear Sensor (Color)
ILX734LA SONY-ILX734LA Datasheet
152Kb / 12P
10500 X 3 pixel CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com