Electronic Components Datasheet Search
  English  ▼

X  

RT8289 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8289
Description  5A, 32V, 500kHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8289 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8289 Datasheet HTML 1Page - Richtek Technology Corporation RT8289 Datasheet HTML 2Page - Richtek Technology Corporation RT8289 Datasheet HTML 3Page - Richtek Technology Corporation RT8289 Datasheet HTML 4Page - Richtek Technology Corporation RT8289 Datasheet HTML 5Page - Richtek Technology Corporation RT8289 Datasheet HTML 6Page - Richtek Technology Corporation RT8289 Datasheet HTML 7Page - Richtek Technology Corporation RT8289 Datasheet HTML 8Page - Richtek Technology Corporation RT8289 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT8289
1
DS8289-01 March 2011
www.richtek.com
Ordering Information
Pin Configurations
(TOP VIEW)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
5A, 32V, 500kHz Step-Down Converter
Applications
Distributive Power Systems
LCD TV
DSL Modems
Pre-regulator for Linear Regulators
Battery Charger
Typical Application Circuit
SOP-8 (Exposed Pad)
General Description
The RT8289 is a step-down regulator with an internal Power
MOSFET. It achieves 5A of continuous output current over
a wide input supply range with excellent load and line
regulation. Current mode operation provides fast transient
response and eases loop stabilization.
The RT8289 prorides protections such as cycle-by-cycle
current limiting and thermal shutdown. In shutdown mode,
the regulator draws 25A of supply current.
The RT8289 requires a minimum number of external
components, to proride a compact solution.
The RT8289 is available in a SOP-8 (Exposed Pad)
package.
BOOT
NC
NC
FB
SW
VIN
EN
GND
GND
2
3
4
5
6
7
8
9
Features
High Output Current up to 5A
Internal Soft-Start
100m
Ω
Ω
Ω
Ω
Ω Internal Power MOSFET Switch
Internal Compensation Minimizes External Parts
Count
High Efficiency up to 90%
25
μμμμμA Shutdown Current
Fixed 500kHz Frequency
Thermal Shutdown Protection
Cycle-by-Cycle Over Current Protection
Wide 5.5V to 32V Operating Input Range
Adjustable Output Voltage from 1.222V to 26V
Available in an SOP-8 (Exposed Pad) Package
RoHS Compliant and Halogen Free
5V/5A
VIN
EN
GND
BOOT
FB
SW
5
4
7
8
1
L
10µH
10nF
47µFx2
R1
10k
R2
3.16k
VOUT
4.7µF x 2
Chip Enable
VIN
5.5V to 32V
RT8289
D
B550C
6, Exposed Pad (9)
CBOOT
COUT
CIN
Open
= Automatic Startup
(POSCAP)
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
RT8289
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT8289

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
3A, 24V, 3MHz Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - RT8289

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0020 MPS-EV0020 Datasheet
203Kb / 4P
2A, 32V, 330KHz Step-Down Converter
MP1591 MPS-MP1591_06 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
RT2805A RICHTEK-RT2805A Datasheet
380Kb / 15P
5A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
logo
Monolithic Power System...
MP1499 MPS-MP1499 Datasheet
550Kb / 18P
High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
MP8725 MPS-MP8725 Datasheet
342Kb / 14P
21V, 5A, 500kHz Synchronous Step-down Converter
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
5A,30V,500KHz Step-Down Converter
logo
Monolithic Power System...
MP2225 MPS-MP2225 Datasheet
935Kb / 20P
High-Efficiency, 5A, 18V, 500kHz Synchronous, Step-Down Converter
NB634 MPS-NB634 Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
logo
Unisonic Technologies
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com