Electronic Components Datasheet Search
  English  ▼

X  

RT8289 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8289
Description  5A, 32V, 500kHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8289 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8289 Datasheet HTML 1Page - Richtek Technology Corporation RT8289 Datasheet HTML 2Page - Richtek Technology Corporation RT8289 Datasheet HTML 3Page - Richtek Technology Corporation RT8289 Datasheet HTML 4Page - Richtek Technology Corporation RT8289 Datasheet HTML 5Page - Richtek Technology Corporation RT8289 Datasheet HTML 6Page - Richtek Technology Corporation RT8289 Datasheet HTML 7Page - Richtek Technology Corporation RT8289 Datasheet HTML 8Page - Richtek Technology Corporation RT8289 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8289
2
DS8289-01 March 2011
www.richtek.com
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
BOOT
High Side Gate Drive Bootstrap Input. BOOT supplies the drive for the high side
N-MOSFET switch. Connect a 10nF or greater capacitor from SW to BOOT to
power the high side switch.
2, 3
NC
No Internal Connection.
4
FB
Feedback Input. FB senses the output voltage to regulate said voltage. Drive FB
with a resistive voltage divider from the output voltage. The value of the divider
resistors also sets loop bandwidth. The feedback threshold is 1.222V.
5
EN
Chip Enable (Active High). EN is a digital input that turns the regulator on or off.
Drive EN higher than 1.4V to turn on the regulator, lower than 0.4V to turn it off.
For automatic startup, leave EN unconnected.
6,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
7
VIN
Power Input. VIN supplies the power to the IC, as well as the step-down
converter switches. Drive VIN with a 5.5V to 32V power source. Bypass VIN to
GND with a suitably large capacitor to eliminate noise on the input to the IC.
8
SW
Power Switching Output. SW is the switching node that supplies power to the
output. Connect the output LC filter from SW to the output load. Note that a
capacitor is required from SW to BOOT to power the high side switch.
S
Q
R
Driver
Bootstrap
Control
-
+
Current Sense
Amplifier
PWM
Comparator
Oscillator
500kHz
Ramp
Generator
Regulator
Reference
+
-
12k
Error
Amplifier
30pF
400k
13pF
SW
BOOT
FB
EN
VIN
GND
+
-
OC Limit
Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com