Electronic Components Datasheet Search
  English  ▼

X  

RT8293A Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8293A
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8293A Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8293A Datasheet HTML 1Page - Richtek Technology Corporation RT8293A Datasheet HTML 2Page - Richtek Technology Corporation RT8293A Datasheet HTML 3Page - Richtek Technology Corporation RT8293A Datasheet HTML 4Page - Richtek Technology Corporation RT8293A Datasheet HTML 5Page - Richtek Technology Corporation RT8293A Datasheet HTML 6Page - Richtek Technology Corporation RT8293A Datasheet HTML 7Page - Richtek Technology Corporation RT8293A Datasheet HTML 8Page - Richtek Technology Corporation RT8293A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT8293A
4
DS8293A-03 March 2011
www.richtek.com
Electrical Characteristics
(VIN = 12V, TA = 25
°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
l
Supply Voltage, VIN ----------------------------------------------------------------------------------------
−0.3V to 25V
l
Input Voltage, SW ------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
l
VBOOT
− VSW ------------------------------------------------------------------------------------------------- −0.3V to 6V
l
Other Pins Voltage ------------------------------------------------------------------------------------------
−0.3V to 6V
l
Power Dissipation, PD @ TA = 25
°C
SOP-8 (Exposed Pad) ------------------------------------------------------------------------------------- 1.333W
l
Package Thermal Resistance (Note 2)
SOP-8 (Exposed Pad),
θJA-------------------------------------------------------------------------------- 75°C/W
SOP-8
(Εxposed Pad), θJC ------------------------------------------------------------------------------- 15°C/W
l
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------- 260
°C
l
Junction Temperature -------------------------------------------------------------------------------------- 150
°C
l
Storage Temperature Range ------------------------------------------------------------------------------
−65°C to 150°C
l
ESD Susceptibility (Note 3)
HBM (Human Body Mode) -------------------------------------------------------------------------------- 2kV
MM (Machine Mode) --------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
l
Supply Voltage, VIN ---------------------------------------------------------------------------------------- 4.5V to 23V
l
Junction Temperature Range -----------------------------------------------------------------------------
−40°C to 125°C
l
Ambient Temperature Range -----------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Supply Current
VEN = 0V
--
0.5
3
µA
Supply Current
VEN = 3 V, VFB = 0.9V
--
0.8
1.2
mA
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 23V
0.788
0.8
0.812
V
Error Amplifier
Transconductance
GEA
∆IC = ± 10µA
--
940
--
µA/V
High Side Switch
On-Resistance
RDS(ON)1
--
85
--
m
Ω
Low Side Switch
On-Resistance
RDS(ON)2
--
85
--
m
Ω
High Side Switch Leakage
Current
VEN = 0V, VSW = 0V
--
0
10
µA
Upper Switch Current Limit
Min. Duty Cycle, VBOOT− VSW = 4.8V
--
5.1
--
A
Lower Switch Current Limit
From Drain to Source
--
1.5
--
A
COMP to Current Sense
Transconductance
GCS
--
5.4
--
A/V
Oscillation Frequency
fOSC1
300
340
380
kHz
Short Circuit Oscillation
Frequency
fOSC2
VFB = 0V
--
100
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.7V
--
93
--
%
Minimum On Time
tON
--
100
--
ns
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com