Electronic Components Datasheet Search
  English  ▼

X  

RT8293A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8293A
Description  3A, 23V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8293A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8293A Datasheet HTML 1Page - Richtek Technology Corporation RT8293A Datasheet HTML 2Page - Richtek Technology Corporation RT8293A Datasheet HTML 3Page - Richtek Technology Corporation RT8293A Datasheet HTML 4Page - Richtek Technology Corporation RT8293A Datasheet HTML 5Page - Richtek Technology Corporation RT8293A Datasheet HTML 6Page - Richtek Technology Corporation RT8293A Datasheet HTML 7Page - Richtek Technology Corporation RT8293A Datasheet HTML 8Page - Richtek Technology Corporation RT8293A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8293A
2
DS8293A-03 March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap for high side gate driver. Connect a 0.1
µF or greater ceramic
capacitor from BOOT to SW pins.
2
VIN
Input Supply Voltage, 4.5V to 23V. Must bypass with a suitably large ceramic
capacitor.
3
SW
Phase Node. Connect to external L-C filter.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
5
FB
Feedback Input pin. This pin is connected to the converter output. It is used to
set the output of the converter to regulate to the desired value via an internal
resistive voltage divider. For an adjustable output, an external resistive
voltage divider is connected to this pin.
6
COMP
Compensation Node. COMP is used to compensate the regulation control
loop. Connect a series RC network from COMP to GND. In some cases, an
additional capacitor from COMP to GND is required.
7
EN
Enable Input Pin. A logic high enables the converter; a logic low forces the
RT8293A into shutdown mode reducing the supply current to less than 3
µA.
Attach this pin to VIN with a 100k
Ω pull up resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period. A 0.1
µF capacitor sets the
soft-start period to 13.5ms.
VOUT (V)
R1 (k
Ω) R2 (kΩ) RC (kΩ) CC (nF) L (µH) COUT (µF)
8
27
3
33
3.3
22
22 x 2
5
62
11.8
20
3.3
15
22 x 2
3.3
75
24
13
3.3
10
22 x 2
2.5
25.5
12
9.1
3.3
6.8
22 x 2
1.5
10.5
12
5.6
3.3
3.6
22 x 2
1.2
12
24
4.3
3.3
3.6
22 x 2
1
3
12
3.6
3.3
2
22 x 2
Table 1. Recommended Component Selection
Typical Application Circuit
VIN
EN
GND
BOOT
SW
7
2
3
1
L
10
µH
100nF
22
µF x 2
R1
75k
R2
24k
VOUT
3.3V/3A
10
µF x 2
VIN
4.5V to 23V
RT8293A
SS
8
CSS
4, 9 (Exposed Pad)
CBOOT
CIN
0.1
µF
COUT
REN 100k
COMP
CC
3.3nF
RC
13k
CP
Open
6
FB
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com