Electronic Components Datasheet Search
  English  ▼

X  

RT8294 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8294
Description  2A, 23V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8294 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8294 Datasheet HTML 2Page - Richtek Technology Corporation RT8294 Datasheet HTML 3Page - Richtek Technology Corporation RT8294 Datasheet HTML 4Page - Richtek Technology Corporation RT8294 Datasheet HTML 5Page - Richtek Technology Corporation RT8294 Datasheet HTML 6Page - Richtek Technology Corporation RT8294 Datasheet HTML 7Page - Richtek Technology Corporation RT8294 Datasheet HTML 8Page - Richtek Technology Corporation RT8294 Datasheet HTML 9Page - Richtek Technology Corporation RT8294 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT8294
6
DS8294-02
March 2011
www.richtek.com
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Current (A)
VIN = 4.5V
VIN = 12V
VIN = 23V
VOUT = 3.3V
Reference Voltage vs. Input Voltage
0.900
0.905
0.910
0.915
0.920
0.925
0.930
0.935
0.940
4
6
8
10
12
14
16
18
20
22
24
Input Voltage (V)
Output Voltage vs. Output Current
3.24
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Current (A)
VOUT = 3.3V
VIN = 4.5V
VIN = 12V
VIN = 23V
Frequency vs. Input Voltage
300
310
320
330
340
350
360
370
380
4
6
8
10
12
14
16
18
20
22
24
Input Voltage (V)
VOUT = 3.3V, IOUT = 0A
Frequency vs. Temperature
300
310
320
330
340
350
360
370
380
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VOUT = 3.3V, VIN = 12V, IOUT = 0A
Reference Voltage vs. Temperature
0.900
0.905
0.910
0.915
0.920
0.925
0.930
0.935
0.940
-50
-25
0
25
50
75
100
125
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com