Electronic Components Datasheet Search
  English  ▼

X  

RT8294 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8294
Description  2A, 23V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8294 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8294 Datasheet HTML 6Page - Richtek Technology Corporation RT8294 Datasheet HTML 7Page - Richtek Technology Corporation RT8294 Datasheet HTML 8Page - Richtek Technology Corporation RT8294 Datasheet HTML 9Page - Richtek Technology Corporation RT8294 Datasheet HTML 10Page - Richtek Technology Corporation RT8294 Datasheet HTML 11Page - Richtek Technology Corporation RT8294 Datasheet HTML 12Page - Richtek Technology Corporation RT8294 Datasheet HTML 13Page - Richtek Technology Corporation RT8294 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT8294
10
DS8294-02
March 2011
www.richtek.com
OUT
OUT
L(MAX)
IN(MAX)
VV
L =1
f
IV
 
×−
 
×∆
 
The inductor's current rating (caused a 40
°C temperature
rising from 25
°C ambient) should be greater than the
maximum load current and its saturation current should
be greater than the short circuit peak current limit. Please
see Table 2 for the inductor selection reference.
Table 2. Suggested Inductors for Typical
Application Circuit
Component
Supplier
Series
Dimensions
(mm)
TDK
VLF10045
10 x 9.7 x 4.5
TDK
SLF12565
12.5 x 12.5 x 6.5
TAIYO
YUDEN
NR8040
8 x 8 x 4
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I1
VV
−
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the high side MOSFET.
To prevent large ripple current, a low ESR input capacitor
sized for the maximum RMS current should be used. The
RMS current is given by :
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT / 2. This simple worst case condition is
commonly used for design because even significant
deviations do not offer much relief.
Choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to
meet size or height requirements in the design.
For the input capacitor, one 10
µF low ESR ceramic
capacitors are recommended. For the recommended
capacitor, please refer to table 3 for more detail.
The selection of COUT is determined by the required ESR
to minimize voltage ripple.
Moreover, the amount of bulk capacitance is also a key
for COUT selection to ensure that the control loop is stable.
Loop stability can be checked by viewing the load transient
response as described in a later section.
The output ripple,
∆VOUT , is determined by :
OUTL
OUT
1
V
I
ESR
8fC

∆
≤ ∆+


The output ripple will be highest at the maximum input
voltage since
∆IL increases with input voltage. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirement. Dry tantalum,
special polymer, aluminum electrolytic and ceramic
capacitors ar e all av ai labl e in surf ace m ount
 
∆
×−
 
×
 
OUT
OUT
L
IN
VV
I =1
f LV
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can achieve
highest efficiency operation. However, it requires a large
inductor to achieve this goal.
For the ripple current selection, the value of
∆IL= 0.24(IMAX)
will be a reasonable starting point. The largest ripple
current occurs at the highest VIN. To guarantee that the
ripple current stays below the specified maximum, the
inductor value should be chosen according to the following
equation :
Hiccup Mode
For the RT8294, Hiccup Mode Under Voltage Protection
(UVP) is provided. When the FB voltage, VFB, drops below
0.5V, the UVP function will be triggered and the RT8294
will shut down for a period of time and then recover
automatically. The Hiccup Mode UVP can reduce input
current in short circuit conditions.
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current
∆IL increases with higher VIN
and decreases with higher inductance.
Figure 4. The Resistors can be Selected to Set IC
Lockout Threshold
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
R1
R2
VOUT
VIN
RT8294
SS
8
CSS
COMP
CC
RC
CP
6
4,
9 (Exposed Pad)
CBOOT
COUT
CIN
100k
8V
12V
REN2
REN1
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com