Electronic Components Datasheet Search
  English  ▼

X  

RT9009 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9009
Description  2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9009 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9009 Datasheet HTML 1Page - Richtek Technology Corporation RT9009 Datasheet HTML 2Page - Richtek Technology Corporation RT9009 Datasheet HTML 3Page - Richtek Technology Corporation RT9009 Datasheet HTML 4Page - Richtek Technology Corporation RT9009 Datasheet HTML 5Page - Richtek Technology Corporation RT9009 Datasheet HTML 6Page - Richtek Technology Corporation RT9009 Datasheet HTML 7Page - Richtek Technology Corporation RT9009 Datasheet HTML 8Page - Richtek Technology Corporation RT9009 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RT9009
1
DS9009-01 April 2011
www.richtek.com
Pin Configurations
Applications
Game Console
CDMA/GSM Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
Mini PCI & PCI-Express Cards
PCMCIA & New Cards
Portable Information Appliances
2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
Ordering Information
General Description
The RT9009 is a high performance, 2.5A LDO regulator,
offering extremely high PSRR and ultra-low dropout. Ideal
for portable RF and wireless applications with demanding
performance and space requirements.
Regulator ground current increases only slightly in dropout,
further prolonging the battery life. The RT9009 also works
with low-ESR ceramic capacitors, reducing the amount of
board space necessary for power applications that is critical
in hand-held wireless devices.
The RT9009 consumes less than 1
μA in shutdown mode
and has fast turn-on time of less than 400
μs. The other
features include ultra-low dropout voltage, high output
accuracy, current limiting protection, and high ripple
rejection ratio. The RT9009 is available in the TO-263S-5
package.
(TOP VIEW)
TO-263S-5
Features
Ultra Fast Response in Line/Load Transient
< 1
μμμμμA Shutdown Current
Low Dropout : 520mV at 2A
Wide Operating Voltage Ranges : 2.5V to 5.5V
TTL-Logic-Controlled Shutdown Input
Current Limiting Protection
Thermal Shutdown Protection
Low-ESR Ceramic Output Capacitor Required for
Stability
High Power Supply Rejection Ratio
RoHS Compliant and 100% Lead (Pb)-Free
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
4
2
3
5
1
GND
ADJ
VOUT (TAB)
EN
VIN
RT9009
Package Type
MS5 : TO-263S-5
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9009

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12GG RICHTEK-RT9001-12GG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-12PG RICHTEK-RT9001-12PG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13GG RICHTEK-RT9001-13GG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9001-13PG RICHTEK-RT9001-13PG Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
More results

Similar Description - RT9009

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PIC6117 PICSEMI-PIC6117 Datasheet
150Kb / 2P
800mA Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com