Electronic Components Datasheet Search
  English  ▼

X  

RT9009 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9009
Description  2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9009 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9009 Datasheet HTML 1Page - Richtek Technology Corporation RT9009 Datasheet HTML 2Page - Richtek Technology Corporation RT9009 Datasheet HTML 3Page - Richtek Technology Corporation RT9009 Datasheet HTML 4Page - Richtek Technology Corporation RT9009 Datasheet HTML 5Page - Richtek Technology Corporation RT9009 Datasheet HTML 6Page - Richtek Technology Corporation RT9009 Datasheet HTML 7Page - Richtek Technology Corporation RT9009 Datasheet HTML 8Page - Richtek Technology Corporation RT9009 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9009
2
DS9009-01 April 2011
www.richtek.com
Typical Application Circuit
Function Pin Description
Figure 1. Adjustable Operation
Note: The value of R2 should be less than 80k to
maintain regulation.
Pin No.
Pin Name
Pin Function
1
VIN
Power Supply Input.
2
EN
Chip Enable (Active High). When the EN goes to a logic low, the device will be
shutdown.
3
VOUT
Regulator Output.
4
ADJ
Output Voltage Feedback Input. If external feedback resistors are applied, the output
voltage will be :
VOUT = 1.25 × (1+
) Volts
5
GND
Ground.
2
1
R
R
Function Block Diagram
OUT
R1
V
= 1.25 x (1+
) Volts
R2
VIN
GND
VOUT
RT9009
COUT
4.7uF
2.2uF
ADJ
EN
CIN
VIN
VOUT
R1
R2
Chip Enable
1
2
3
4
5
EN
VIN
VOUT
ADJ
GND
Logic Control
POR/OCP/OTP
VREF
+
-
Driver



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com