Electronic Components Datasheet Search
  English  ▼

X  

RT8862 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8862
Description  Advanced 4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8862 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8862 Datasheet HTML 17Page - Richtek Technology Corporation RT8862 Datasheet HTML 18Page - Richtek Technology Corporation RT8862 Datasheet HTML 19Page - Richtek Technology Corporation RT8862 Datasheet HTML 20Page - Richtek Technology Corporation RT8862 Datasheet HTML 21Page - Richtek Technology Corporation RT8862 Datasheet HTML 22Page - Richtek Technology Corporation RT8862 Datasheet HTML 23Page - Richtek Technology Corporation RT8862 Datasheet HTML 24Page - Richtek Technology Corporation RT8862 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
RT8862
21
DS8862-01 April 2011
www.richtek.com
Figure 5. Soft Start Waveforms
VOUT will trace VEAP which is equal to “VSSQ
− VADJ”.
VADJ is a small voltage signal which is proportional to
IOUT. This voltage is used to generate loadline and will be
described later. T1 is the delay time from power_on_reset
state to the beginning of VOUT rising.
T1 = 1600
μs + 0.6V x CSS / ISS1
(1)
T2 is the soft start time from VOUT = 0 to VOUT = VBOOT.
T2 = VBOOT x CSS / ISS1
(2)
T3 is the dwelling time for VOUT = VBOOT. T3 = 800us.
T4 is the soft start time from VOUT = VBOOT to VOUT = VDAC.
T4 ~= |VDAC - VBOOT| x CSS/ISS1
(3)
T5 is the power good delay time, T5 ~= 1600
μs.
Dynamic VID
The RT8862 can accept VID input changing while the
controller is running. This allows the output voltage (VOUT)
to change while the DC/DC converter is running and
supplying current to the load. This is commonly referred
to as VID on-the-fly (OTF). A VID OTF can occur under
either light or heavy load conditions. The CPU changes
the VID inputs in multiple steps from the start code to the
finish code. This change can be positive or negative.
Theoretically, VOUT should follow VDAC which is a staircase
waveform. In RT8862, as mentioned in soft start session,
VDAC slew rate is limited by ISS2/CSS when PWRGD = H.
This slew rate limiter works as a low pass filter of VDAC
and makes the bandwidth of VDAC waveform finite. By
smoothening VDAC staircase waveform, VOUT will no longer
overshoot or undershoot. On the other hand, CSS will
increase the settling time of VOUT during VID OTF. In most
cases, 1nF to 30nF ceramic capacitor is suitable for CSS.
Output Voltage Differential Sensing
The RT8862 uses differential sensing by a high gain low
offset Error Amplifier. The CPU voltage is sensed between
the FB and FBRTN pins. A resistor (RFB) connects FB pin
and the positive remote sense pin of the CPU (VCCP).
FBRTN pin connects to the negative remote sense pin of
CPU (VCCN) directly. The Error Amplifier compares EAP
(= VDAC
−VADJ) with the VFB to regulate the output voltage.
No Load Offset
In Figure 6, IOFSN or IOFSP are used to generate no-load
offset. Either IOFSN or IOFSP is active during normal operation.
It should be noted that users can only enable one polarity
of no-load offset. Do not connect OFS pin to GND and to
VCC5 at the same time. Connect a resistor from OFS pin
to GND to activate IOFSN. IOFSN flows through RADJ from
ADJ pin toGND. In this case, negative no-load offset voltage
(VOFSN) is generated.
VOFSN = IOFSN x RADJ = 0.8 x RADJ/ROFS
(4)
VCC12
9.6V
VDAC
SS
SSQ
PWRGD
T1
T2
T3
VTT
0.85V
VBOOT
T4
T5
SS
SSQ
VCC5
4.6V
Connect a resistor from OFS pin to VCC5 to activate IOFSP.
IOFSP flows through RFB from the VCCP to FB pin. In this
case, positive no-load offset voltage (VOFSP) is generated.
When OFS pin is connected to VCC5 through a resistor,
the positive no-load offset can be calculated as :
The RT8862 provides wide range no-load positive offset
for over-clocking applications. The IOFSP capability can
supply from 30
μA to 640μA, which means in Equation
(5), ROFS can range from 240k
Ω to 10kΩ. Other resistances
of ROFS exceeding this range can also provide no-load
positive offset but cannot be guaranteed by Equation (5).
(5)
FB
OFSP
OFSP
FB
OFS
R
VI
R
6.4
R
=×
=
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com