Electronic Components Datasheet Search
  English  ▼

X  

RT8862 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT8862
Description  Advanced 4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8862 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT8862 Datasheet HTML 21Page - Richtek Technology Corporation RT8862 Datasheet HTML 22Page - Richtek Technology Corporation RT8862 Datasheet HTML 23Page - Richtek Technology Corporation RT8862 Datasheet HTML 24Page - Richtek Technology Corporation RT8862 Datasheet HTML 25Page - Richtek Technology Corporation RT8862 Datasheet HTML 26Page - Richtek Technology Corporation RT8862 Datasheet HTML 27Page - Richtek Technology Corporation RT8862 Datasheet HTML 28Page - Richtek Technology Corporation RT8862 Datasheet HTML 29Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
RT8862
28
DS8862-01 April 2011
www.richtek.com
Layout Considerations
For best performance of the RT8862, the following
guidelines must be strictly followed :
Input bulk capacitors and MLCCs have to be put near
high side MOSFETs. The connection plane of input
capacitors and high side MOSFETs then can be kept as
square as possible.
The shape of phase planes (the connection plane
between high side MOSFETs, low side MOSFETs and
output inductors) have to be as square as possible. Long
traces, thin bars or separated islands must be avoided
in phase planes.
Keep snubber circuits or damping elements near its
objects. Phase RC snubbers have to be close to low
side MOSFETs, UGATE damping resistors have to be
resistance
θJA is 34°C/W on the standard JEDEC 51-7
four layers thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by following
formula :
PD(MAX) = (125
°C − 25°C) / (34°C/W) = 2.941W for
WQFN-48L 7x7
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT8862 package, the Figure 19 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation allowed.
Figure 19. Derating Curves for RT8862 Packages
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
25
50
75
100
125
Ambient Temperature (°C)
WQFN-48L 7x7
Four Layers PCB
close to high side MOSFETs, and boot to phase damping
resistors have to be close to high side MOSFETs and
phase planes. Also keep the traces of these snubbers
circuits as short as possible.
The area of VIN plane (power stage 12V VIN) and VOUT
plane (output bulk capacitors and inductors connection
plane) have to be as wide as possible. Long traces or
thin bars must be avoided in these planes. The plane
trace width must be wide enough to carry large input/
output current (40mil/A).
The following traces have to be wide and short : UGATE,
LGATE, BOOT, PHASE, and VCC12. Make sure the
width of these traces are wide enough to carry large
driving current(at least 40mil).
The voltage feedback loop contains two traces, VCC
and VSS, which are Kelvin sensed from CPU socket or
output capacitors. These two traces are suggested above
10mil width and put away from high (di/dt) switching
elements such as high side MOSFETs, low side
MOSFETs, phase plane etc. The circuit elements of
voltage feedback loop, such as feedback loop short
resistors and voltage loop compensation RCs, have to
be kept near the RT8862 and also away from switching
elements.
The current sense mechanism of the RT8862 is fully
differential Kelvin sense. Therefore, the current sense
loops of the RT8862 contain two traces : the positive
traces(ISP1 to ISP4) come from the positive node of
output inductors(the node connecting phase plane) and
the negative traces (ISN1 to ISN4) come from the
negative node of output inductors(the node connecting
output plane).
DO NOT connect the current sense traces from phase
plane or output plane. Only connect these traces from
both sides of output inductors can achieve the goal of
precise Kelvin sense. The current sense feedback loops
have to be routed away from switching elements, and
the current sense RC elements have to be put near
their respective ISN or ISP pins of the RT8862 and also
away from noise switching elements. At lease 10 mil
width is suggested for current sense feedback loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com