Electronic Components Datasheet Search
  English  ▼

X  

RT8857 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8857
Description  4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8857 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8857 Datasheet HTML 1Page - Richtek Technology Corporation RT8857 Datasheet HTML 2Page - Richtek Technology Corporation RT8857 Datasheet HTML 3Page - Richtek Technology Corporation RT8857 Datasheet HTML 4Page - Richtek Technology Corporation RT8857 Datasheet HTML 5Page - Richtek Technology Corporation RT8857 Datasheet HTML 6Page - Richtek Technology Corporation RT8857 Datasheet HTML 7Page - Richtek Technology Corporation RT8857 Datasheet HTML 8Page - Richtek Technology Corporation RT8857 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RT8857/A
1
DS8857/A-01 April 2011
www.richtek.com
Ordering Information
Note :
VIN is the input voltage of MOSFET power stage.
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
4/3/2/1-Phase PWM Controller with Embedded Drivers
for CPU Core Power Supply
General Description
The RT8857/A is a 4/3/2/1-phase synchronous buck
controller with 2 integrated MOSFET drivers for Intel
VR11.1/VR10.x and AMD K8/K8_M2 CPUs power
application. RT8857/A uses differential inductor DCR
current sense to achieve phase current balance and active
voltage positioning. Other features include adjustable
operating frequency, adjustable soft start, power good
indication, external error-amp compensation, over voltage
protection, over current protection, VRHOT sensing and
IMON for various applications. RT8857/A comes to a small
footprint with WQFN-48L 7x7 package
Features
12V Power Supply Voltage
4/3/2/1-Phase Power Conversion
2 Embedded MOSFET Drivers
Internal Regulated 5V Output
VID table for INTEL VR11.1/VR10.x and AMD K8/
K8_M2 CPUs
Continuous Differential Inductor DCR Current Sense
Adjustable Soft Start
Adjustable Frequency
Power Good Indication
Adjustable Over Current Protection
Over Voltage Protection
VRHOT Sensing with External Thermistor
IMON Output Current Indication
Power State Indicator (PSI)
Support MOSFET Power Stage Input Voltage (VIN)
Down to 5V (RT8857A Only)
Small 48-Lead WQFN Package
RoHS Compliant and Halogen Free
Pin Configurations
WQFN-48L 7x7
(TOP VIEW)
PWRGD
PHASE1
UGATE1
PWM4
PWM3
BOOT2
UGATE2
PHASE2
LGATE2
LGATE1
VCC12
BOOT1
FBRTN
SS/EN
QR2
IMONFB
IMAXPSI
IMAX
ADJ
RT
OFS
COMP
FB
QR1
36
35
34
33
32
31
30
29
28
27
26
25
37
38
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
49
Applications
Desktop CPU Core Power
Low Voltage, High Current DC/ DC Converter
Package Type
QW : WQFN-48L 7x7 (W-Type)
RT8857/A
Lead Plating System
G : Green (Halogen Free and Pb Free)
Support VIN : 5/12V
Support VIN : 12V


Similar Part No. - RT8857

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859MGQW RICHTEK-RT8859MGQW Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
More results

Similar Description - RT8857

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8869A RICHTEK-RT8869A Datasheet
423Kb / 19P
Advanced 2/1-Phase PWM Controller for CPU Core Power
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8867A RICHTEK-RT8867A Datasheet
425Kb / 21P
Advanced 4/3-Phase PWM Controller for CPU Core Power
RT8862 RICHTEK-RT8862 Datasheet
479Kb / 29P
Advanced 4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com