Electronic Components Datasheet Search
  English  ▼

X  

RT8857 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8857
Description  4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8857 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8857 Datasheet HTML 17Page - Richtek Technology Corporation RT8857 Datasheet HTML 18Page - Richtek Technology Corporation RT8857 Datasheet HTML 19Page - Richtek Technology Corporation RT8857 Datasheet HTML 20Page - Richtek Technology Corporation RT8857 Datasheet HTML 21Page - Richtek Technology Corporation RT8857 Datasheet HTML 22Page - Richtek Technology Corporation RT8857 Datasheet HTML 23Page - Richtek Technology Corporation RT8857 Datasheet HTML 24Page - Richtek Technology Corporation RT8857 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
RT8857/A
21
DS8857/A-01 April 2011
www.richtek.com
current error signals IERRn (= IX[n]
− AVG(IX[n])) are used
to raise or lower the internal sawtooth waveforms
(RAMP[1] to RAMP[n]) which are compared with ErrorAmp
output (COMP) to generate PWM signal. The raised
sawtooth waveform will decrease the PWM duty of the
corresponding channel while the lowered will increase.
Eventually, current flowing through each channel will be
balanced.
+
-
+
-
+
-
+
-
COMP
IERR[1] x RCB
IERR[n] x RCB
Interleaved
RAMP[1]
RAMP[n]
CMP
CMP
BUF
BUF
PWM[1]
PWM[n]
Figure 9. Circuit for Channel Current Balance
Channel Current Adjust
If channel current is not balanced due to asymmetric PCB
layout of power stage, external resistors can be adjusted
to correct current imbalance. Figure 10 shows two types
of current imbalance, constant ratio type and constant
difference type.
If the initial current distribution is constant ratio type,
according to Equation (8), reduce RCSN[1] can reduce IL[1]
and improve current balance. If the initial current distribution
is constant difference type, according to Equation (7),
increase RCSP[1] can reduce IL[1] and improve current
balance.
Figure 8. Circuit for Channel Current Sensing
Constant ratio
IOUT, total
I1
I2
Constant difference
IOUT, total
I1
I2
Figure 10. Channel Current vs. Total Current
Over Current Protection (OCP)
RT8857/A provides sing phase OCP and multi-phase OCP
according to the operation condition. In Figure 11, single
phase OCP (IMAXPSI) and multi-phase OCP (IMAX)
thresholds can be set by external resistors :
IMAX
CC5
IMAXPSI
CC5
R2 + R3
VV
R1 + R2 + R3
R3
VV
R1 + R2 + R3
=×
=×
(10)
(11)
Once VADJ is larger than the negative input of CP
comparator, OCP will be triggered and latched, and
RT8857/A will turn off both high side and low side
MOSFETs of all channels. A 20us delay after OCP
detection is used to prevent false trigger.
Over Voltage Protectiom (OVP)
The over voltage protection monitors the output voltage
via the FB pin. Once VFB exceeds “VEAP + 150mV”, OVP
is triggered and latched. RT8857/A will try to turn on low
side MOSFET and turn off high side MOSFET to protect
CPU. A 20us delay is used in OVP detection circuit to
prevent false trigger.
+
-
235nA
235nA
VOFS_CSA
+
-
ISN
ISP
RISP
RISN
RS
DCR
CS
L
IX
CSA: Current Sense Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com