Electronic Components Datasheet Search
  English  ▼

X  

ILX751A Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX751A
Description  2048-pixel CCD Linear Sensor (B/W)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX751A Datasheet(HTML) 3 Page - Sony Corporation

  ILX751A Datasheet HTML 1Page - Sony Corporation ILX751A Datasheet HTML 2Page - Sony Corporation ILX751A Datasheet HTML 3Page - Sony Corporation ILX751A Datasheet HTML 4Page - Sony Corporation ILX751A Datasheet HTML 5Page - Sony Corporation ILX751A Datasheet HTML 6Page - Sony Corporation ILX751A Datasheet HTML 7Page - Sony Corporation ILX751A Datasheet HTML 8Page - Sony Corporation ILX751A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
– 3 –
ILX751A
Unit
Remarks
Max.
50
8.0
—
2.0
3.0
—
—
—
8.0
5.0
—
—
—
5.0
Typ.
40
2.0
1.8
0.3
0.5
0.02
6000
0.045
4.0
1.8
97.0
600
4.0
1.0
Min.
30
—
1.5
—
—
—
—
—
—
—
92.0
—
—
0
Symbol
R
PRNU
VSAT
VDRK
DSNU
IL
DR
SE
IVDD1
IVDD2
TTE
ZO
VOS
SHUT
Item
Electrooptical Characteristics
(Ta = 25°C, VDD1 = 9V, VDD2 = 5V, Clock frequency = 1MHz, Light source = 3200K, IR cut filter: CM-500S (t = 1.0mm))
Notes)
1. For the sensitivity test light is applied with a uniform intensity of illumination.
2. PRNU is defined as indicated below. Ray incidence conditions are the same as for Note 1.
PRNU =
× 100 [%]
The maximum output is set to VMAX, the minimum output to VMIN and the average output to VAVE.
3. Integration time is 10ms.
4. VOUT = 500mV
5. DR =
When optical accumulated time is shorter, the dynamic range gets wider because dark voltage is in
proportion to optical accumulated time.
6. SE =
7. Vos is defined as indicated below.
(VMAX – VMIN)/2
VAVE
VSAT
R
GND
OS
D31
D32
D33
S1
VOS
V/(lx · s)
%
V
mV
mV
%
—
lx · s
mA
mA
%
Ω
V
%
Note 1
Note 2
—
Note 3
Note 3
Note 4
Note 5
Note 6
—
—
—
—
Note 7
Note 8
Secsitivity
Sensitivity nonuniformity
Saturation output voltage
Dark voltage average
Dark signal nonuniformity
Image lag
Dynamic range
Saturation exposure
9V supply current
5V supply current
Total transfer efficiency
Output impedance
Offset level
Shutter lag
VSAT
VDRK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com