Electronic Components Datasheet Search
  English  ▼

X  

ILX751A Datasheet(PDF) 10 Page - Sony Corporation

Part # ILX751A
Description  2048-pixel CCD Linear Sensor (B/W)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX751A Datasheet(HTML) 10 Page - Sony Corporation

Back Button ILX751A Datasheet HTML 6Page - Sony Corporation ILX751A Datasheet HTML 7Page - Sony Corporation ILX751A Datasheet HTML 8Page - Sony Corporation ILX751A Datasheet HTML 9Page - Sony Corporation ILX751A Datasheet HTML 10Page - Sony Corporation ILX751A Datasheet HTML 11Page - Sony Corporation ILX751A Datasheet HTML 12Page - Sony Corporation ILX751A Datasheet HTML 13Page - Sony Corporation ILX751A Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
– 10 –
ILX751A
∗ Description of Shutter Pin 9
1) The state at 5V is when the shutter is not in operation.
2) When dropped to 0V, the shutter gate will open, letting the accumulated charge of the sensor be thrown
away to the shutter drain.
The charge is sent to the transfer
register as signal charge.
The charge up to this point will be thrown
away to the shutter drain.
Shutter gate ON
5V
φROG
φSHUT
Accumulated charge
of the sensor
0V
5V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com