Electronic Components Datasheet Search
  English  ▼

X  

LCX007CL Datasheet(PDF) 21 Page - Sony Corporation

Part # LCX007CL
Description  3.4cm (1.35-inch) Black-and-White LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX007CL Datasheet(HTML) 21 Page - Sony Corporation

Back Button LCX007CL Datasheet HTML 16Page - Sony Corporation LCX007CL Datasheet HTML 17Page - Sony Corporation LCX007CL Datasheet HTML 18Page - Sony Corporation LCX007CL Datasheet HTML 19Page - Sony Corporation LCX007CL Datasheet HTML 20Page - Sony Corporation LCX007CL Datasheet HTML 21Page - Sony Corporation LCX007CL Datasheet HTML 22Page - Sony Corporation LCX007CL Datasheet HTML 23Page - Sony Corporation LCX007CL Datasheet HTML 24Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
– 21 –
LCX007CL
Reliability test conditions
Items
Test conditions
Time
High temperature
operation
High temperature storage
High temperature & high
humidity storage
Temperature cycle
Vibration
Ta = 70°C
HVDD = 15.7V
VVDD = 15.7V
Ta = 85°C
Ta = 40°C
95% RH
Ta = –30 to +85°C
X, Y, Z, 1.5mm
10 to 55Hz (1min. reciprocation)
250h
250h
250h
10cy
20min. for each
direction
Panel appearance
and performance
after those tests must
conform with the
standards.
Anti-electrostatic discharge test results
Conditions: C = 200pF, Rs = 0
Ω
Result:
Pins except pin no.8 have the strength more than 200V.
Breakdown
voltage
Up to 100V
101 to 200V
+
–
–
–
–
Pin 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com