Electronic Components Datasheet Search
  English  ▼

X  

LCX007CL Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX007CL
Description  3.4cm (1.35-inch) Black-and-White LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX007CL Datasheet(HTML) 5 Page - Sony Corporation

  LCX007CL Datasheet HTML 1Page - Sony Corporation LCX007CL Datasheet HTML 2Page - Sony Corporation LCX007CL Datasheet HTML 3Page - Sony Corporation LCX007CL Datasheet HTML 4Page - Sony Corporation LCX007CL Datasheet HTML 5Page - Sony Corporation LCX007CL Datasheet HTML 6Page - Sony Corporation LCX007CL Datasheet HTML 7Page - Sony Corporation LCX007CL Datasheet HTML 8Page - Sony Corporation LCX007CL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
– 5 –
LCX007CL
Input Signals
1. Input signal voltage conditions
(VSS = 0V)
Item
H driver input voltage
WID, RGT, HST, HCK1, HCK2
(Low)
(High)
(Low)
(High)
VHIL
VHIH
VVIL
VVIH
VVC
Vsig
Vcom
–0.5
4.5
–0.5
4.5
6.5
VVC – 4.5
VVC – 0.5
0.0
5.0
0.0
5.0
7.0
—
VVC – 0.4
0.3
5.5
0.3
5.5
7.2
VVC + 4.5
VVC – 0.3
V
V
V
V
V
V
V
V driver input voltage
CLR, ENB, VCK, PCG, VST, DWN
Video signal center voltage
Video signal input range∗1
Common voltage of panel∗2
Symbol
Min.
Typ.
Max.
Unit
∗1 Video input signal shall be symmetrical to VVC.
∗2 Common voltage of the panel shall be adjusted to VVC – 0.4V.
Level Conversion Circuit
The LCX007CL has a built-in level conversion circuit in the clock input unit on the panel. The input signal level
increases to HVDD or VVDD. The VCC of external ICs are applicable to 5 ± 0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com