Electronic Components Datasheet Search
  English  ▼

X  

LCX016 Datasheet(PDF) 2 Page - Sony Corporation

Part # LCX016
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016 Datasheet(HTML) 2 Page - Sony Corporation

  LCX016 Datasheet HTML 1Page - Sony Corporation LCX016 Datasheet HTML 2Page - Sony Corporation LCX016 Datasheet HTML 3Page - Sony Corporation LCX016 Datasheet HTML 4Page - Sony Corporation LCX016 Datasheet HTML 5Page - Sony Corporation LCX016 Datasheet HTML 6Page - Sony Corporation LCX016 Datasheet HTML 7Page - Sony Corporation LCX016 Datasheet HTML 8Page - Sony Corporation LCX016 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
– 2 –
LCX016AM
Block Diagram
1
18
H Shift Register (Bidirectional Scanning)
COM
PAD
14
15
17
9
20
19
21
22
12
11
10
8
23
16
7
6
4
3
5
2
24
Black Frame Control Circuit
13
Input Signal
Level Shifter
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com