Electronic Components Datasheet Search
  English  ▼

X  

LCX016 Datasheet(PDF) 11 Page - Sony Corporation

Part # LCX016
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016 Datasheet(HTML) 11 Page - Sony Corporation

Back Button LCX016 Datasheet HTML 7Page - Sony Corporation LCX016 Datasheet HTML 8Page - Sony Corporation LCX016 Datasheet HTML 9Page - Sony Corporation LCX016 Datasheet HTML 10Page - Sony Corporation LCX016 Datasheet HTML 11Page - Sony Corporation LCX016 Datasheet HTML 12Page - Sony Corporation LCX016 Datasheet HTML 13Page - Sony Corporation LCX016 Datasheet HTML 14Page - Sony Corporation LCX016 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
– 11 –
LCX016AM
<Electro-optical Characteristics Measurement>
• Measurement system I
• Measurement system II
Luminance
Meter
Measurement
Equipment
Light Detector
Measurement
Equipment
Screen: Made by Sony (VPS-120FH: Gain 2.8, Glass Beaded Type) or equivalent
Projection lens: Focal distance 80mm, F1.9
Light source: 155W metal Haloid arc lamp (Color temperature 7500K ± 500)
(
× 24, Sensor area: 7mmφ)
Optical fiber
LCD panel
Light receptor lens
Drive Circuit
Light
Source
Basic measurement conditions
(1) Driving voltage
HVDD = 15.5V, VVDD = 15.5V
VVC = 7.0V, Vcom = 6.6V
(2) Measurement temperature
25°C unless otherwise specified.
(3) Measurement point
One point in the center of the screen unless otherwise specified.
(4) Measurement systems
Two types of measurement systems are used as shown below.
(5) Video input signal voltage (Vsig)
Vsig = 7.0 ± VAC [V]
(VAC = signal amplitude)
LCD Projector
Approx. 2000mm
1. Contrast Ratio
Contrast Ratio (CR) is given by the following formula (1).
CR =
L (White)
... (1)
L (Black)
L (White): Surface luminance of the center of the screen at the input signal amplitude VAC = 0.5V.
L (Black): Surface luminance of the center of the screen at VAC = 4.5V.
Both luminosities are measured by System I.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com