Electronic Components Datasheet Search
  English  ▼

X  

IR11672AS Datasheet(PDF) 7 Page - International Rectifier

Part # IR11672AS
Description  ADVANCED SMART RECTIFIER TM CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR11672AS Datasheet(HTML) 7 Page - International Rectifier

Back Button IR11672AS Datasheet HTML 3Page - International Rectifier IR11672AS Datasheet HTML 4Page - International Rectifier IR11672AS Datasheet HTML 5Page - International Rectifier IR11672AS Datasheet HTML 6Page - International Rectifier IR11672AS Datasheet HTML 7Page - International Rectifier IR11672AS Datasheet HTML 8Page - International Rectifier IR11672AS Datasheet HTML 9Page - International Rectifier IR11672AS Datasheet HTML 10Page - International Rectifier IR11672AS Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
IR11672AS
www.irf.com
© 2009-2011 International Rectifier
7
Electrical Characteristics
VCC=15V and TA = 25°C unless otherwise specified. The output volt age and current (VO and IO) parameters
are referenced to GND (pin7).
Minimum On Time Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Minimum on time
TONmin
190
240
290
ns
RMOT =5k
Ω, V
CC=12V
2.48
3.1
3.72
µs
RMOT =75k
Ω, V
CC=12V
Gate Driver Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Gate Low Voltage
VGLO
0.3
0.5
V
IGATE = 200mA
Gate High Voltage
VGTH
9.0
10.7
12.5
V
VCC=12V-18V
(internally clamped)
Rise Time
tr1
18
ns
CLOAD = 1nF, VCC=12V
tr2
125
ns
CLOAD = 10nF, VCC=12V
Fall Time
tf1
10
ns
CLOAD = 1nF, VCC=12V
tf2
30
ns
CLOAD = 10nF, VCC=12V
Turn on Propagation Delay
tDon
60
95
ns
VDS to VGATE -100mV overdrive
Turn off Propagation Delay
tDoff
50
75
ns
VDS to VGATE -100mV overdrive
Pull up Resistance
rup
4
Ω
IGATE = 1A – GBD
Pull down Resistance
rdown
0.7
Ω
IGATE = -200mA
Output Peak Current(source) IO source
2
A
CLOAD = 10nF – GBD
Output Peak Current (sink)
IO sink
7
A
CLOAD = 10nF – GBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com