Electronic Components Datasheet Search
  English  ▼

X  

IR11672AS Datasheet(PDF) 1 Page - International Rectifier

Part # IR11672AS
Description  ADVANCED SMART RECTIFIER TM CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR11672AS Datasheet(HTML) 1 Page - International Rectifier

  IR11672AS Datasheet HTML 1Page - International Rectifier IR11672AS Datasheet HTML 2Page - International Rectifier IR11672AS Datasheet HTML 3Page - International Rectifier IR11672AS Datasheet HTML 4Page - International Rectifier IR11672AS Datasheet HTML 5Page - International Rectifier IR11672AS Datasheet HTML 6Page - International Rectifier IR11672AS Datasheet HTML 7Page - International Rectifier IR11672AS Datasheet HTML 8Page - International Rectifier IR11672AS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.irf.com
© 2009-2011 International Rectifier
July 13, 2011
IR11672AS
ADVANCED SMART RECTIFIER
TM CONTROL IC
Features
•
Secondary side high speed SR controller
•
DCM, CrCM flyback and Resonant half-bridge
topologies
•
200V proprietary IC technology
•
Max 500KHz switching frequency
•
Anti-bounce logic and UVLO protection
•
7A peak turn off drive current
•
Micropower start-up & ultra low quiescent current
•
10.7V gate drive clamp
•
50ns turn-off propagation delay
•
Vcc range from 11.3V to 20V
•
Direct sensing of MOSFET drain voltage
•
Enable function synchronized with MOSFET VDS
transition
•
Cycle by Cycle MOT Check Circuit prevents multiple
false trigger GATE pulses
•
Lead-free
•
Compatible with 0.3W Standby, Energy Star, CECP,
etc.
Typical Applications
•
LCD & PDP TV, Telecom SMPS, AC-DC adapters,
ATX SMPS, Server SMPS
Product Summary
Topology
Flyback,
Resonant Half-bridge
VD
200V
VOUT
10.7V
Io+ & I o- (typical)
+2A & -7A
Turn on Propagation
Delay
60ns (typical)
Turn off Propagation
Delay
50ns (typical)
Package Options
8-Lead SOIC
Typical Connection Diagram
RMOT
Cdc
Rg
VD
5
VS
6
MOT
3
OVT
2
EN
4
GND
7
VGATE
8
VCC
1
U1
IR11671
Q1
XFM
Co
Rdc
Vin
Rtn
Ci
Rs
Cs
IR11672AS
Datasheet No - PD97469


Similar Part No. - IR11672AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS Datasheet
633Kb / 26P
Secondary side high speed SR controller
IR11672ASPBF IRF-IR11672ASPBF Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672ASTRPBF IRF-IR11672ASTRPBF Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS_15 Datasheet
633Kb / 26P
Secondary side high speed SR controller
More results

Similar Description - IR11672AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2168DPBF IRF-IRS2168DPBF Datasheet
307Kb / 21P
ADVANCED PFC BALLAST CONTROL IC
IR3084A IRF-IR3084A Datasheet
682Kb / 45P
XPHASE TM VR 10/11 CONTROL IC
IR1168S IRF-IR1168S Datasheet
261Kb / 19P
DUAL SMART RECTIFIER DRIVER IC
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR11662S IRF-IR11662S Datasheet
379Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR1168 IRF-IR1168_11 Datasheet
364Kb / 22P
DUAL SMART RECTIFIER DRIVER IC
IR1169S IRF-IR1169S Datasheet
355Kb / 27P
ADVANCED SMARTRECTIFIER CONTROL IC
IR1168S IRF-IR1168S_15 Datasheet
364Kb / 22P
DUAL SMART RECTIFIER DRIVER IC
IRS2168D IRF-IRS2168D_15 Datasheet
317Kb / 21P
ADVANCED PFC BALLAST CONTROL IC
logo
Nuvoton Technology Corp...
NCT3012S NUVOTON-NCT3012S Datasheet
466Kb / 17P
Advanced Power Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com