Electronic Components Datasheet Search
  English  ▼

X  

LCX024AK Datasheet(PDF) 21 Page - Sony Corporation

Part # LCX024AK
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX024AK Datasheet(HTML) 21 Page - Sony Corporation

Back Button LCX024AK Datasheet HTML 16Page - Sony Corporation LCX024AK Datasheet HTML 17Page - Sony Corporation LCX024AK Datasheet HTML 18Page - Sony Corporation LCX024AK Datasheet HTML 19Page - Sony Corporation LCX024AK Datasheet HTML 20Page - Sony Corporation LCX024AK Datasheet HTML 21Page - Sony Corporation LCX024AK Datasheet HTML 22Page - Sony Corporation LCX024AK Datasheet HTML 23Page - Sony Corporation LCX024AK Datasheet HTML 24Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
– 21 –
LCX024AK
Color Display System Block Diagram (2)
An example of single-chip display system is shown below.
Y/color difference
Y/C
LCD panel
NTSC/PAL
LCX024AK
CXA2503AR
RED
GREEN
BLUE
HCK1
HST
VST
HCK2
VCK
EN
CLR
RGT
(Refer to CXA2503AR data sheet.)
Composite video
+12V
+5V
+12.0 or +13.5V
VCOM
When the CXA2503AR is used, connect BLK (Pin 5) of the LCD panel to VSS or leave that pin open. The
LCX024AK specification conforms to the LCX005BK specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com