Electronic Components Datasheet Search
  English  ▼

X  

LCX024AK Datasheet(PDF) 5 Page - Sony Corporation

Part # LCX024AK
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX024AK Datasheet(HTML) 5 Page - Sony Corporation

  LCX024AK Datasheet HTML 1Page - Sony Corporation LCX024AK Datasheet HTML 2Page - Sony Corporation LCX024AK Datasheet HTML 3Page - Sony Corporation LCX024AK Datasheet HTML 4Page - Sony Corporation LCX024AK Datasheet HTML 5Page - Sony Corporation LCX024AK Datasheet HTML 6Page - Sony Corporation LCX024AK Datasheet HTML 7Page - Sony Corporation LCX024AK Datasheet HTML 8Page - Sony Corporation LCX024AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
– 5 –
LCX024AK
Level Conversion Circuit
The LCX024AK has a built-in level conversion circuit in the clock input unit located inside the panel. The circuit
voltage is stepped up to VDD inside the panel. This level conversion circuit meets the specifications of a 3.0V
power supply of the externally-driven IC.
1. I/O characteristics of level conversion circuit
(For a single-phase input unit)
An example of the I/O voltage characteristics of a
level conversion circuit is shown in the figure to the
right. The input voltage value that becomes half the
output voltage (after voltage conversion) is defined
as Vth.
The Vth value varies depending on the VDD voltage.
The Vth values under standard conditions are
indicated in the table below. (HST, VST, EN, CLR,
RGT, VCK and BLK in the case of a single-phase input)
VDD = 12.0V
VDD
2
VDD
Vth
Input voltage [V]
Example of single-phase
I/O characteristics
Item
Vth voltage of circuit
Vth
0.35
1.50
2.60
V
Symbol
Min.
Typ.
Max.
Unit
(For a differential input unit)
An example of I/O voltage characteristics of a level
conversion circuit for a differential input is shown in
the figure to the right. Although the characteristics,
including those of the Vth voltage, are basically the
same as those for a single-phased input, the two-
phased input phase is defined. (Refer to clock
timing conditions.)
VDD
2
VDD
Vth
Input voltage [V]
Example of differential I/O
characteristics
2. Current characteristics at the input pin of level conversion circuit
A slight pull-in current is generated at the input pin
of the level conversion circuit. (The equivalent
circuit is shown to the right.) The current volume
increases as the voltage at the input pin decreases,
and is maximized when the pin is grounded. (Refer
to electrical characteristics.)
VDD
output
HCK1
input
HCK2
input
Level conversion equivalent circuit
0
0
Max. value
Input pin voltage [V]
10
Pull-in current characteristics at the input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com